Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64LKB Datasheet(PDF) 47 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 47 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 43Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 44Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 45Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 46Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 47Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 48Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 49Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 50Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 51Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 47
Version 1.4
The LVD (low voltage detector) is built-in Sonix 8-bit MCU to be brown out reset protection. When the VDD drops and
is below LVD detect voltage, the LVD would be triggered, and the system is reset. The LVD detect level is different by
each MCU. The LVD voltage level is a point of voltage and not easy to cover all dead-band range. Using LVD to
improve brown out reset is depend on application requirement and environment. If the power variation is very deep,
violent and trigger the LVD, the LVD can be the protection. If the power variation can touch the LVD detect level and
make system work error, the LVD can
’t be the protection and need to other reset methods. More detail LVD information
is in the electrical characteristic section.
The LVD is three levels design (1.8V/2.4V/3.3V) and controlled by LVD code option. The 1.8V LVD is always enable for
power on reset and Brown Out reset. The 2.4V LVD includes LVD reset function and flag function to indicate VDD
status function. The 3.3V includes flag function to indicate VDD status. LVD flag function can be an easy low battery
detector. LVD24, LVD33 flags indicate VDD voltage level. For low battery detect application, only checking LVD24,
LVD33 status to be battery status. This is a cheap and easy solution.
0EFH
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STKP
GIE
LVD24
LVD33
-
-
STKPB2
STKPB1
STKPB0
Read/Write
R/W
R
R
-
-
R/W
R/W
R/W
After Reset
0
-
-
-
-
1
1
1
Bit 6
LVD24: LVD24 low voltage detect indicator.
0 = Vdd > LVD24 detect level.
1 = Vdd < LVD24 detect level.
Bit 5
LVD33: LVD33 low voltage detect indicator.
0 = Vdd > LVD33 detect level.
1 = Vdd < LVD33 detect level.
LVD
LVD Code Option
LVD_L
LVD_M
LVD_H
1.8V Reset
Available
Available
Available
2.4V Flag
-
Available
-
2.4V Reset
-
-
Available
3.3V Flag
-
-
Available
LVD_L
If VDD < 1.8V, system will be reset.
Disable LVD24 and LVD33 bit of PFLAG register.
LVD_M
If VDD < 1.8V, system will be reset.
Enable LVD24 bit of PFLAG register. If VDD > 2.4V, LVD24 is
“0”. If VDD <= 2.4V, LVD24 flag is “1”.
Disable LVD33 bit of PFLAG register.
LVD_H
If VDD < 2.4V, system will be reset.
Enable LVD24 bit of PFLAG register. If VDD > 2.4V, LVD24 is
“0”. If VDD <= 2.4V, LVD24 flag is “1”.
Enable LVD33 bit of PFLAG register. If VDD > 3.3V, LVD33 is
“0”. If VDD <= 3.3V, LVD33 flag is “1”.
LVD_MAX
If VDD < 3.3V, system will be reset.
Note:
1.
After any LVD reset, LVD24, LVD33 flags are cleared.
2.
The voltage level of LVD 2.4V or 3.3V is for design reference only. Don
’t use the LVD indicator as
precision VDD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com