Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64LKB Datasheet(PDF) 28 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 28 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 24Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 25Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 26Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 27Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 28Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 29Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 30Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 31Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 32Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 28
Version 1.4
0CBH
ADTS1
ADTS0
ADT4
ADT3
ADT2
ADT1
ADT0
R/W
ADT
0DBH
PECMD7
PECMD6
PECMD5
PECMD4
PECMD3
PECMD2
PECMD1
PECMD0
R/W
PECMD
0DCH
PEROML7 PEROML6
PEROML5
PEROML4 PEROML3 PEROML2
PEROML1 PEROML0
R/W
PEROML
0DDH
PEROMH7 PEROMH6 PEROMH5 PEROMH4 PEROMH3 PEROMH2 PEROMH1 PEROMH0
R/W
PEROMH
0DEH
PERAML7
PERAML6
PERAML5
PERAML4
PERAML3
PERAML2
PERAML1
PERAML0
R/W
PERAML
0DFH
PERAMCN
T7
PERAMCN
T6
PERAMCN
T5
PERAMCN
T4
PERAMCN
T3
PERAML9
PERAML8
R/W
PERAMCNT
0E0H
SENB
START
SRATE1
SRATE0
MLSB
SCLKMD
CPOL
CPHA
R/W
SIOM
0E1H
SIOR7
SIOR6
SIOR5
SIOR4
SIOR3
SIOR2
SIOR1
SIOR0
W
SIOR
0E2H
SIOB7
SIOB6
SIOB5
SIOB4
SIOB3
SIOB2
SIOB1
SIOB0
R/W
SIOB
0E3H
SIOBZ
SCSEN
SCSP
R/W
SIOC
0E4H
UTXEN
UTXPEN
UTXPS
UTXBRK
URXBZ
UTXBZ
R/W
URTX
0E5H
URXEN
URXPEN
URXPS
URXPC
UFMER
URS2
URS1
URS0
R/W
URRX
0E6H
URCR7
URCR6
URCR5
URCR4
URCR3
URCR2
URCR1
URCR0
R/W
URCR
0E7H
UTXD7
UTXD6
UTXD5
UTXD4
UTXD3
UTXD2
UTXD1
UTXD0
R/W
UTXD
0E8H
URXD7
URXD6
URXD5
URXD4
URXD3
URXD2
URXD1
URXD0
R/W
URXD
0EAH
-
CKE
D_A
P
S
RED_WRT
-
BF
R
MSPSTAT
0EBH
WCOL
MSPOV
MSPENB
CKP
SLRXCKP
MSPWK
-
MSPC
R/W
MSPM1
0ECH
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
R/W
MSPM2
0EDH
MSPBUF7
MSPBUF6
MSPBUF5
MSPBUF4
MSPBUF3
MSPBUF2
MSPBUF1
MSPBUF0
R/W
MSPBUF
0EEH
MSPADR7 MSPADR6 MSPADR5 MSPADR4 MSPADR3 MSPADR2 MSPADR1 MSPADR0
R/W
MSPADR
0EFH
GIE
LVD24
LVD33
STKPB2
STKPB1
STKPB0
R/W
STKP
0F0H
S7PC7
S7PC6
S7PC5
S7PC4
S7PC3
S7PC2
S7PC1
S7PC0
R/W
STK7L
0F1H
S7PC12
S7PC11
S7PC10
S7PC9
S7PC8
R/W
STK7H
0F2H
S6PC7
S6PC6
S6PC5
S6PC4
S6PC3
S6PC2
S6PC1
S6PC0
R/W
STK6L
0F3H
S6PC12
S6PC11
S6PC10
S6PC9
S6PC8
R/W
STK6H
0F4H
S5PC7
S5PC6
S5PC5
S5PC4
S5PC3
S5PC2
S5PC1
S5PC0
R/W
STK5L
0F5H
S5PC12
S5PC11
S5PC10
S5PC9
S5PC8
R/W
STK5H
0F6H
S4PC7
S4PC6
S4PC5
S4PC4
S4PC3
S4PC2
S4PC1
S4PC0
R/W
STK4L
0F7H
S4PC12
S4PC11
S4PC10
S4PC9
S4PC8
R/W
STK4H
0F8H
S3PC7
S3PC6
S3PC5
S3PC4
S3PC3
S3PC2
S3PC1
S3PC0
R/W
STK3L
0F9H
S3PC12
S3PC11
S3PC10
S3PC9
S3PC8
R/W
STK3H
0FAH
S2PC7
S2PC6
S2PC5
S2PC4
S2PC3
S2PC2
S2PC1
S2PC0
R/W
STK2L
0FBH
S2PC12
S2PC11
S2PC10
S2PC9
S2PC8
R/W
STK2H
0FCH
S1PC7
S1PC6
S1PC5
S1PC4
S1PC3
S1PC2
S1PC1
S1PC0
R/W
STK1L
0FDH
S1PC12
S1PC11
S1PC10
S1PC9
S1PC8
R/W
STK1H
0FEH
S0PC7
S0PC6
S0PC5
S0PC4
S0PC3
S0PC2
S0PC1
S0PC0
R/W
STK0L
0FFH
S0PC12
S0PC11
S0PC10
S0PC9
S0PC8
R/W
STK0H
Note:
1.
To avoid system error, make sure to put all the “0” and “1” as it indicates in the above table.
2.
All of register names had been declared in SN8ASM assembler.
3.
One-
bit name had been declared in SN8ASM assembler with “F” prefix code.
4.
“b0bset”, “b0bclr”,”bset”,”bclr” instructions are only available to the “R/W” registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com