Electronic Components Datasheet Search
  English  ▼

X  

SN8F27E64LKB Datasheet(PDF) 18 Page - SONiX Technology Company

Part # SN8F27E64LKB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64LKB Datasheet(HTML) 18 Page - SONiX Technology Company

Back Button SN8F27E64LKB Datasheet HTML 14Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 15Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 16Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 17Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 18Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 19Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 20Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 21Page - SONiX Technology Company SN8F27E64LKB Datasheet HTML 22Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 18
Version 1.4
2.1.2 INTERRUPT VECTOR (0008H~0014H)
A 13-word vector address area is used to execute interrupt request. If any interrupt service executes, the program
counter (PC) value is stored in stack buffer and jump to 0008h~0014h of program memory to execute the vectored
interrupt. This interrupt is multi-vector and each of interrupts points to unique vector. Users have to define the interrupt
vector. The following example shows the way to define the interrupt vector in the program memory.
Note:
The “PUSH” and “POP” operations aren’t through instruction (PUSH, POP) and can executed save
and load ACC and working registers (0x80~0x8F) by hardware automatically.
ROM
Priority
0008H
WAKE Interrupt vector
1
0009H
INT0 Interrupt vector
2
000AH
INT1 Interrupt vector
3
000BH
T0 Interrupt vector
4
000CH
TC0 Interrupt vector
5
000DH
TC1 Interrupt vector
6
000EH
TC2 Interrupt vector
7
000FH
T1 Interrupt vector
8
0010H
ADC Interrupt vector
9
0011H
SIO Interrupt vector
10
0012H
MSP Interrupt vector
11
0013H
UART RX Interrupt vector
12
0014H
UART TX Interrupt vector
13
When one interrupt request occurs, and the program counter points to the correlative vector to execute interrupt
service routine. If WAKE interrupt occurs, the program counter points to ORG 8. If INT0 interrupt occurs, the program
counter points to ORG 9. In normal condition, several interrupt requests happen at the same time. So the priority of
interrupt sources is very important, or the system doesn’t know which interrupt is processed first. The interrupt priority
is follow vector sequence. ORG 8 is priority 1. ORG 9 is priority 2. In the case, the interrupt processing priority is as
following.
If WAKE, T0, TC2, T1 and SIO interrupt requests happen at the same time, the system processing interrupt sequence
is WAKE, T0, TC2, T1, and then SIO. The system processes WAKE interrupt service routine first, and then processes
T0 interrupt routine…Until finishing processing all interrupt requests.
Example:
Interrupt Request Occurrence Sequence: (2~8 interrupt requests occur during WAKE interrupt service routine
execution.)
1
2
3
4
5
6
7
8
WAKE
ADC
TC1
T0
SIO
INT0
T1
UART RX
Interrupt Processing Sequence:
1
2
3
4
5
6
7
8
WAKE
INT0
T0
TC1
T1
ADC
SIO
UART RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com