Electronic Components Datasheet Search
  English  ▼

X  

EM78P808 Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
33
8/1/2004 (V3.1)
Fig.19b LCD waveform (1/5 bias) for 1/24 duty
Bit 4(CDAS) : Current DA switch
0
normal PORT66
1
Current DA output
Bit 5(KTS) : Key tone output switch
0
normal PORT67
1
key tone output .
Bit 6~Bit 7(KT0~KT1) : Key tone output frequency and its power control
KT1
KT0
Key tone frequency and power
0
0
32.768KHz/32 = 1.024kHz clock and enable
0
1
32.768KHz/16 = 2.048kHz clock and enable
1
0
32.768KHz/8 = 4.096kHz clock and enable
1
1
Power off key tone
frame
com0
com1
com2
seg
seg
light
dark
V1
v2
v3
v4
v5
Gnd
V1
v2
v3
v4
v5
Gnd
V1
v2
v3
v4
v5
Gnd
V1
v2
v3
v4
v5
Gnd
V1
v2
v3
v4
v5
Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com