Electronic Components Datasheet Search
  English  ▼

X  

EM78P808 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
16
8/1/2004 (V3.1)
SPIS reg.
Read
R5
Write
R5
SPIR reg.
Edge
Select
shift right
bit 0
bit 7
Prescaler
4, 8, 16, 32, 64, 128
PORT62
PORT61
SCK
Tsco
16.38kHz
SBR2~SBR0
3
Clock Select
2
Noise
Filter
SPIC reg. (R4 page1)
SBR0 ~SBR2
RBF
RBFI
Buffer Full Detector
set to 1
SPIWC
SDO
SPIE
SDI
MUX
SPIE
0
PORT60
MUX
SCK
SPIE
3
SPIW reg.
Edge
Select
MUX
SDI/P62
SDO/P61
SCK/P60
Fig.7 SPI structure
SPIC reg. : SPI control register
SDO/P61 : Serial data out
SDI/P62 : Serial data in
SCK/P60 : Serial clock
RBF : Set by buffer full detector, and reset in software.
RBFI : Interrupt flag. Set by buffer full detector, and reset in software.
Buffer Full Detector : Sets to 1, while an 8-bit shifting is complete.
SE : Loads the data in SPIW register, and begin to shift
SPIE : SPI control register
SPIS reg. : Shifting byte out and in. The MSB will be shifted first. Both the SPIS register and the SPIW register
are loaded at the same time. Once data being written to, SPIS starts transmission / reception. The
received data will be moved to the SPIR register, as the shifting of the 8-bit data is complete. The
RBF (Read Buffer Full ) flag and the RBFI(Read Buffer Full Interrupt) flag are set.
SPIR reg. : Read buffer. The buffer will be updated as the 8-bit shifting is complete. The data must be read
before the next reception is finished. The RBF flag is cleared as the SPIR register read.
SPIW reg. : Write buffer. The buffer will deny any write until the 8-bit shifting is complete. The SE bit will be
kept in 1 if the communication is still under going. This flag must be cleared as the shifting is
finished. Users can determine if the next write attempt is available.
SBR2 ~ SBR0: Programming the clock frequency/rates and sources.
Clock select : Selecting either the internal instruction clock or the external 16.338KHz clock as the shifting
clock.
Edge Select : Selecting the appropriate clock edges by programming the SCES bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com