Electronic Components Datasheet Search
  English  ▼

X  

EM78P808 Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
49
8/1/2004 (V3.1)
VII.10 Differential Energy Detector (DED)
DED
DEDD
EGIN1
DEDTHD
DEDPWR
EGCLK
EGIN2
Fig.27 DED
The Differential Energy Detector is differential input level and zero crossing detector named as DED. It
can detect any incoming AC signal above its threshold level and output corresponding zero-crossing frequency
pulse. For this energy detector, the user can set it’s minimum detection threshold level at –35dBm or –45dBm
by DEDTHD bit. All the minimum detection value can be achieved under input capacitor more than 4700pF and
input resistor around 100k ohms. The energy detector has power control by IOCE PAGE2 bit 1 (DEDPWR).
Register bits of Energy Detector :
Register bits
Descriptions
RE bit 7 (DEDD)
DEDD : Output data of DED
IOCE PAGE2
bit 5 (EDGE)
EDGE : edge control of DED output data
1/0 => Falling edge trig. / Rising edge and Falling edge trig.
IOCE PAGE2
bit 4 (WUEDD)
WUEDD : Wake-up control of DED output data
1/0 => enable/disable
RE PAGE1 bit 6 (DED)
DED : Interrupt flag of DED output data
IOCE PAGE2 bit6
(DED)
DED : Interrupt mask of DED output data
1/0
enable/disable interrupt of DED output data
IOCE PAGE2 bit 0
(DEDTHD)
DEDTHD : Minimum detection threshold of DED
0/1
-45dBm/-35dBm
IOCE PAGE2 bit 1
(DEDPWR)
DEDPWR : Power control of DED
0/1
power off/power on
IOCE PAGE2 bit 2
(DEDCLK)
DEDCLK : operating clock of DED
0 : low frequency clock
1 : high frequency clock
VIII. Absolute Operation Maximum Ratings
RATING
SYMBOL
VALUE
UNIT
DC SUPPLY VOLTAGE
VDD
-0.3 To 6
V
INPUT VOLTAGE
Vin
-0.5 to VDD +0.5
V
OPERATING TEMPERATURE RANGE
Ta
0 to 70
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com