Electronic Components Datasheet Search
  English  ▼

X  

EM78P808 Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
35
8/1/2004 (V3.1)
Bit 3~Bit 4(LCDDV0~LCDDV1) : LCD driver’s driving ability control
LCDDV1
LCDDV0
Driving mode
0
0
Normal mode (ratio = 1)
0
1
Weak mode (ratio = 1/2)
1
0
Strong mode (ratio = 2)
1
1
Maximum mode (ratio = 4)
LCDDV0 ~ LCDDV1 are used to select the driving ability of LCD driver. The driving ability is Maximum
mode > Strong mode > Normal mode > Weak mode by 1/2 ratio individually. The larger driving ability it is
selected, the larger output loading of LCD driver output can be afforded and the more current consumption is
occurred. It depends on user’s application.
Bit 5(PBS) : Switch I/O PORTB or LCD segment output for share pins SEGxx/PBx
0
select normal PB0 ~ PB7 for PORTB
1
select SEG48 ~ SEG55 output for LCD SEGMENT output.
Bit 6(PCSL) : Switch low nibble I/O PORTC or LCD segment output for share pins SEGxx/PCx
0
select normal PC0 ~ PC3 for low nibble PORTC
1
select SEG56 ~ SEG59 output for LCD SEGMENT output.
Bit 7(PCSH) : Switch high nibble I/O PORTC or LCD segment output for share pins SEGxx/PCx
0
select normal PC4 ~ PC7 for high nibble PORTC
1
select SEG60 ~ SEG63 output for LCD SEGMENT output.
IOC7 (PORT7 I/O control, Key strobe(8~15))
PAGE0 (PORT7 I/O control register)
7
6
5
4
3
2
1
0
IOC77
IOC76
IOC75
IOC74
IOC73
IOC72
IOC71
IOC70
Bit 0~Bit 7(IOC70~IOC77) : PORT7(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (Key strobe control register)
7
6
5
4
3
2
1
0
STRB15
STRB14
STRB13
STRB12
STRB11
STRB10
STRB9
STRB8
Bit 0~Bit 7(STRB8~STRB15) : Key strobe control bits
These key strobe control registers correspond to SEGMENT8 to SEGMENT15. Please refer KEYSTOBE
explanation (RE page0).
IOC8 (PORT8 I/O control, , Key strobe(16~23))
PAGE0 (PORT8 I/O control register)
7
6
5
4
3
2
1
0
IOC87
IOC86
IOC85
IOC84
IOC83
IOC82
IOC81
IOC80
Bit 0~Bit 7(IOC80~IOC87) : PORT8(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (Key strobe control register)
7
6
5
4
3
2
1
0
STRB23
STRB22
STRB21
STRB20
STRB19
STRB18
STRB17
STRB16
Bit 0~Bit 7(STRB16~STRB23) : Key strobe control bits
These key strobe control registers correspond to SEGMENT16 to SEGMENT23. Please refer KEYSTOBE
explanation (RE page0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com