Electronic Components Datasheet Search
  English  ▼

X  

EM78P808 Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
52
8/1/2004 (V3.1)
Tone1/Tone2 signal strength (root mean square voltage)
Tone1 signal strength V1rms (ps1)
130
155
180
mV
Tone2 signal strength V2rms (ps1)
1.259V1rms
mV
Tone twist
(Tone1 – Tone2) twist
-2
dB
Tone frequency deviation
Frequency deviation
±1
%
(ps1) : V1rms and V2rms has 2 dB difference. It means 20log(V2rms/V1rms) = 20log1.259 = 2 (dB)
(DED AC Characteristic)(Vdd=+5.0V,Ta=+25℃)
CHARACTERISTIC
MIN
TYP
MAX
UNIT
Input sensitivity TIP and RING for DED, DEDTHD bit=0
-45
--
dBm
Input sensitivity TIP and RING for DED, DEDTHD bit=1
-35
--
dBm
Timing characteristic (Vdd=5V,Ta=+25
°C)
Description
Symbol
Min
Typ
Max
Unit
Oscillator timing characteristic
OSC start up
32.768kHz
Tosc
400
ms
3.579MHz PLL
10
FSK timing characteristic
Carrier detect low
Tcdl
--
10
14
ms
Data out to Carrier det low
Tdoc
--
10
20
ns
Power up to FSK(setup time)
Tsup
--
15
20
ms
End of FSK to Carrier Detect high
Tcdh
--
4
ms
CW timing characteristic
CAS input signal length
(2130 ,2750 Hz
@ -20dBm )
Tcasi
80
ms
Call waiting data detect delay time
Tcwd
42
ms
Call waiting data release time
Tcwr
26
ms
DTMF receiver timing characteristic
Tone Present Detection Time
Tdp
(ps1)
the guard-times for tone-present
(C=0.1uF, R=300K)
Tgtp
30
ms
the guard-times for tone-absent
(C=0.1uF, R=300K)
Tgta
30
mS
Propagation Delay (St to Q)
Tpq
8
us
Tone Absent Detection Time
Tda
(ps2)
ms
SPI timing characteristic (CPU clock 3.58MHz and Fsco = 3.58Mhz /2)
/SS set-up time
Tcss
560
ns
/SS hold time
Tcsh
250
SCLK high time
Thi
250
ns
SCLK low time
Tlo
250
ns
SCLK rising time
Tr
15
30
ns
SCLK falling time
Tf
15
30
ns
SDI set-up time to the reading edge of SCLK
Tisu
25
ns
SDI hold time to the reading edge of SCLK
Tihd
25
ns
SDO disable time
Tdis
560
ns
(ps1) : Controlled by software
(ps2) : Controlled by RC circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com