Electronic Components Datasheet Search
  English  ▼

X  

EM78P808 Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM78P808
Description  8-BITMICRO-CONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P808 Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM78P808 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P808 Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
EM78808
8-bit Micro-controller
______________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
45
8/1/2004 (V3.1)
VII.6 Interrupt
RF is the interrupt status register which records the interrupt request in flag bits. IOCF is the interrupt
mask register. TCC timer, Counter1 and Counter2 are internal interrupt source. P70 ~ P77(INT0 ~ INT1) are
external interrupt input which interrupt sources are come from the external. If the interrupts are happened by
these interrupt sources, then RF register will generate '1' flag to corresponding register if you enable IOCF
register. Global interrupt is enabled by ENI instruction and is disabled by DISI instruction. When one of the
interrupts (when enabled) generated, will cause the next instruction to be fetched from address 008H. Once in
the interrupt service routine the source of the interrupt can be determined by polling the flag bits in the RF
register. The interrupt flag bit must be cleared in software before leaving the interrupt service routine and
enabling interrupts to avoid recursive interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com