Electronic Components Datasheet Search
  English  ▼

X  

RT9301 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9301
Description  3-Channel Low Dropout RGB LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9301 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9301 Datasheet HTML 1Page - Richtek Technology Corporation RT9301 Datasheet HTML 2Page - Richtek Technology Corporation RT9301 Datasheet HTML 3Page - Richtek Technology Corporation RT9301 Datasheet HTML 4Page - Richtek Technology Corporation RT9301 Datasheet HTML 5Page - Richtek Technology Corporation RT9301 Datasheet HTML 6Page - Richtek Technology Corporation RT9301 Datasheet HTML 7Page - Richtek Technology Corporation RT9301 Datasheet HTML 8Page - Richtek Technology Corporation RT9301 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RT9301
4
DS9301-02
March 2007
www.richtek.com
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Electrical Characteristics
Parameter
Symbol Test Condition
Min
Typ
Max
Units
Input Supply Voltage
VIN
2.8
--
5.5
V
UVLO Threshold
VUVLO_L
Falling
2
2.2
2.4
V
UVLO Hysteresis
--
100
--
mV
Dropout Voltage
VLED
90% of ILED = 12mA
--
40
120
mV
ISET Reference Voltage
0.8
0.9
1
V
Quiescent Current
IQ
LED Open, ISET = 20 uA
--
0.5
1
mA
ILED Matching
ILED = 16mA
−5
0
+5
%
ILED Accuracy
ILED
ILED = 16mA
−5
0
+5
%
Shutdown current
All VSET1~3 < 0.25V
--
0.1
2
μA
VSET Enable Threshold
VSET
VSET connect RSET = 47kΩ to ISET
1.3
--
--
V
VSET Disable Threshold
VIL
VSET connect RSET = 47kΩ to ISET
--
--
0.25
V
(VIN = 3.6V, TA = 25
°C, Unless Otherwise specification)
Absolute Maximum Ratings (Note 1)
Supply Input Voltage ------------------------------------------------------------------------------------------------------
−0.3V to 6V
Other I/O Pin Voltages ---------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-8 ------------------------------------------------------------------------------------------------------------------- 0.382W
Package Thermal Resistance (Note 4)
TSOT-23-8,
θJA ------------------------------------------------------------------------------------------------------------- 262°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ---------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ------------------------------------------------------------------------------------------------------ 200V
Recommended Operating Conditions (Note 3)
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com