Electronic Components Datasheet Search
  English  ▼

X  

RT9301 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9301
Description  3-Channel Low Dropout RGB LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9301 Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9301 Datasheet HTML 1Page - Richtek Technology Corporation RT9301 Datasheet HTML 2Page - Richtek Technology Corporation RT9301 Datasheet HTML 3Page - Richtek Technology Corporation RT9301 Datasheet HTML 4Page - Richtek Technology Corporation RT9301 Datasheet HTML 5Page - Richtek Technology Corporation RT9301 Datasheet HTML 6Page - Richtek Technology Corporation RT9301 Datasheet HTML 7Page - Richtek Technology Corporation RT9301 Datasheet HTML 8Page - Richtek Technology Corporation RT9301 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RT9301
6
DS9301-02
March 2007
www.richtek.com
Applications Information
The RT9301 is a 3-Channel current source driver for RGB
LED or white LEDs. The output current can be controlled
from 2mA to 50mA by adjusting the setting current from
external. It is easy to support a multi-color RGB LED.
Input UVLO
The input operating voltage range of the RT9301 is 2.8V to
5.5V. An input capacitor at the VIN pin could reduce ripple
voltage. It is recommended to use a ceramic 1uF or larger
capacitance as the input capacitor. This IC provides an
under voltage lockout (UVLO) function to prevent it from
unstable issue when startup. The UVLO threshold of input
falling voltage is set at 2.1V typically with a hysteresis
0.1V.
Output Current Setting
The LED current is setting by the current of ISET pin. The
LED current of the three channels (LED1, LED2, LED3)
could be set from the ISET (ISET1, ISET2, ISET3) pins
individually. The typical application circuit shows as
Figure 1.
Figure 1. Typical Application Circuit
The LED current can be controlled from an external voltage
(VSET) and a resistor (RSET) between VSET and ISET pin.
The voltage range of VSET is from 1.3V to 5.5V. The internal
reference voltage at ISET pin is 0.9V typically. LED current
is set as 800 times the current flowing into ISET pin.
Therefore, the LED current can be calculated as the
following equation.
LED3
LED2
LED1
GND
ISET1
V
BAT
VIN
ISET3
ISET2
R
SET3
R
SET2
R
SET1
RT9301
V
SET1
V
SET2
V
SET3
1uF
3
~
SET1
3
~
SET1
3
~
SET1
3
~
LED1
R
0.9V
-
V
x
800
I
x
800
I
=
=
For example, RSET1 = 45k
Ω and VSET1 = 1.8V, the current
of LED1 is equal to 16mA.
The LED current of each channel can be controlled from
2mA to 50mA. It is easy to obtain a multi-color output
by changing the current of ISET1, ISET2, and ISET3
respectively.
Figure 2 shows the characteristics of ILED vs. VSET. If the
RSET is selected, the LED current could be controlled from
VSET. The voltage of VSET must be higher than 1.3V to
enable the LED. For low LED current application, it is
recommended to use a higher resistance on RSET (for
example: RSET = 360k
Ω).
To disable the LED current, the ISET pin should be
connected to ground or floating. For one LED or two LEDs
application, the unused ISET pin should be connected to
GND. In addition, don
’ t short V
SETx to ISETx pin.
Figure 2. LED Current Setting
Figure 3. Application Circuit for Two LEDs
LED3
LED2
LED1
GND
ISET1
V
BAT
VIN
ISET3
ISET2
R
SET2
R
SET1
RT9301
V
SET1
V
SET2
1uF
0
10
20
30
40
50
60
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VSET (V)
RSET = 36k
RSET = 51k
RSET = 75k
RSET = 160k
RSET = 360k



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com