Electronic Components Datasheet Search
  English  ▼

X  

RT9301 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9301
Description  3-Channel Low Dropout RGB LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9301 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9301 Datasheet HTML 1Page - Richtek Technology Corporation RT9301 Datasheet HTML 2Page - Richtek Technology Corporation RT9301 Datasheet HTML 3Page - Richtek Technology Corporation RT9301 Datasheet HTML 4Page - Richtek Technology Corporation RT9301 Datasheet HTML 5Page - Richtek Technology Corporation RT9301 Datasheet HTML 6Page - Richtek Technology Corporation RT9301 Datasheet HTML 7Page - Richtek Technology Corporation RT9301 Datasheet HTML 8Page - Richtek Technology Corporation RT9301 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9301
3
DS9301-02
March 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin
Name
Function
1
LED3
RGB or White LED cathode connection pin. 2mA to 50mA Current flows into LED. Floating or
connection to ground is used to disable this pin.
2
GND
Ground Pin.
3
VIN
Power Input Pin.
4
ISET3
Current setting for LED3. Connect to GND if not use.
5
ISET2
Current setting for LED2. Connect to GND if not use.
6
ISET1
Current setting for LED1. Connect to GND if not use.
7
LED1
RGB or White LED cathode connection pin. 2mA to 50mA Current flows into LED. Floating or
connection to ground is used to disable this pin.
8
LED2
RGB or White LED cathode connection pin. 2mA to 50mA Current flows into LED. Floating or
connection to ground is used to disable this pin.
Current Source
UVLO
VIN
GND
LED1
LED2
LED3
+
-
V
REF
+
-
V
REF
ISET1
ISET2
ISET3
+
-
V
REF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com