Electronic Components Datasheet Search
  English  ▼

X  

RT9301 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9301
Description  3-Channel Low Dropout RGB LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9301 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9301 Datasheet HTML 1Page - Richtek Technology Corporation RT9301 Datasheet HTML 2Page - Richtek Technology Corporation RT9301 Datasheet HTML 3Page - Richtek Technology Corporation RT9301 Datasheet HTML 4Page - Richtek Technology Corporation RT9301 Datasheet HTML 5Page - Richtek Technology Corporation RT9301 Datasheet HTML 6Page - Richtek Technology Corporation RT9301 Datasheet HTML 7Page - Richtek Technology Corporation RT9301 Datasheet HTML 8Page - Richtek Technology Corporation RT9301 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RT9301
5
DS9301-02
March 2007
www.richtek.com
Typical Operating Characteristics
LED Current vs. Input Voltage
0
5
10
15
20
25
22.5
33.5
44.5
55.5
Input Voltage (V)
LED1
LED2
LED3
LED Current vs. VSET
0
10
20
30
40
50
60
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VSET (V)
RSET = 36k
RSET = 51k
RSET = 75k
RSET = 160k
RSET = 360k
LED Current vs. Temperature
19.7
19.8
19.9
20
20.1
20.2
20.3
20.4
-40
-25
-10
5
20
35
50
65
80
95
Temperature
ILED = 20mA
(
°C)
Dimming Operation
Time (100
μs/Div)
VSET
ILED
(1V/Div)
(10mA/Div)
VBAT = 5.0V
Enable & Shutdown Response
Time (50
μs/Div)
(1V/Div)
(10mA/Div)
VSET
ILED
VBAT = 5.0V
Line Transient Response
Time (50
μs/Div)
(1V/Div)
(10mA/Div)
VIN
ILED
VBAT = 3.7V to 4.2V, ILED = 20mA
Vf1 = 3.02V, Vf2 = 3.06V, Vf3 = 3.17V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com