Electronic Components Datasheet Search
  English  ▼

X  

RT9301 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9301
Description  3-Channel Low Dropout RGB LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9301 Datasheet(HTML) 8 Page - Richtek Technology Corporation

  RT9301 Datasheet HTML 1Page - Richtek Technology Corporation RT9301 Datasheet HTML 2Page - Richtek Technology Corporation RT9301 Datasheet HTML 3Page - Richtek Technology Corporation RT9301 Datasheet HTML 4Page - Richtek Technology Corporation RT9301 Datasheet HTML 5Page - Richtek Technology Corporation RT9301 Datasheet HTML 6Page - Richtek Technology Corporation RT9301 Datasheet HTML 7Page - Richtek Technology Corporation RT9301 Datasheet HTML 8Page - Richtek Technology Corporation RT9301 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RT9301
8
DS9301-02
March 2007
www.richtek.com
Layout Consideration
For best performance, careful PCB layout is necessary.
Place all peripheral components as close to the IC as
possible. A short connection is highly recommended. The
following guidelines should be strictly followed when
designing a PCB layout for the RT9301.
1. All the traces of LED and VIN pin running from chip to
LEDs should be wide and short to reduce the parasitic
connection resistance.
2. Input capacitor (CIN) must be placed close to LEDs and
connected to ground plane. The anodes of LEDs must
be connected to CIN, not battery directly.
3. Current setting resistors RSET should be placed as close
to the chip as possible.
4. The GND should be connected to a strong ground plane
for heat sinking and noise protection.
5. The current setting resistors should be placed as close
to the IC as possible.
The maximum power dissipation depends on operating
ambient temperature for fixed TJ (MAX) and thermal resistance
θJA . For RT9301 packages, the Figure 6 of derating curves
allows the designer to see the effect of rising ambient
temperature on the maximum power allowed.
Figure 6. Derating Curves for RT9301 Packages
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
120
140
Ambient Temperature (°C)
Single Layer PCB
Battery
Ground Plane
All the traces of LED and V
IN
running from
chip to LEDs should be wide and short to
reduce the parasitic connection resistance.
Input capacitor (C
IN) should
be placed close to LEDs
Pin and connected to
ground plane. The Anodes
of LEDs must connect to
C
IN, not battery directly.
The GND should be connected to a strong
ground plane for heat sinking and noise
protection.
ISET3
VIN
GND
LED3
LED2
LED1
ISET1
ISET2
5
2
3
7
8
1
4
6
Figure 7. PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com