Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 1 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 1 Page - Analog Devices

  AD844 Datasheet HTML 1Page - Analog Devices AD844 Datasheet HTML 2Page - Analog Devices AD844 Datasheet HTML 3Page - Analog Devices AD844 Datasheet HTML 4Page - Analog Devices AD844 Datasheet HTML 5Page - Analog Devices AD844 Datasheet HTML 6Page - Analog Devices AD844 Datasheet HTML 7Page - Analog Devices AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD844
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
60 MHz, 2000 V/ s
Monolithic Op Amp
CONNECTION DIAGRAMS
PRODUCT DESCRIPTION
The AD844 is a high-speed monolithic operational amplifier
fabricated using Analog Devices’ junction isolated complemen-
tary bipolar (CB) process. It combines high bandwidth and very
fast large signal response with excellent dc performance. Although
optimized for use in current to voltage applications and as an
inverting mode amplifier, it is also suitable for use in many
noninverting applications.
The AD844 can be used in place of traditional op amps, but its
current feedback architecture results in much better ac perfor-
mance, high linearity and an exceptionally clean pulse response.
This type of op amp provides a closed-loop bandwidth which is
determined primarily by the feedback resistor and is almost inde-
pendent of the closed-loop gain. The AD844 is free from the slew
rate limitations inherent in traditional op amps and other
current-feedback op amps. Peak output rate of change can be over
2000 V/
µs for a full 20 V output step. Settling time is typically
100 ns to 0.1%, and essentially independent of gain. The AD844
can drive 50
Ω loads to ±2.5 V with low distortion and is short
circuit protected to 80 mA.
The AD844 is available in four performance grades and three
package options. In the 16-lead SOIC (R) package, the AD844J is
specified for the commercial temperature range of 0
°C to 70°C.
The AD844A and AD844B are specified for the industrial tem-
perature range of –40
°C to +85°C and are available in the cerdip (Q)
16-Lead SOIC
(R) Package
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC = NO CONNECT
NC
OFFSETNULL
–IN
NC
+IN
NC
V–
NC
NC
OFFSETNULL
V+
NC
OUTPUT
TZ
NC
NC
AD844
8-Lead Plastic (N),
and Cerdip (Q) Packages
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
NULL
–IN
+IN
NULL
+VS
OUTPUT
TZ
–VS
AD844
package. The AD844A is also available in an 8-lead plastic
mini-DIP (N). The AD844S is specified over the military tempera-
ture range of –55
°C to +125°C. It is available in the 8-lead
cerdip (Q) package. “A” and “S” grade chips and devices processed
to MIL-STD-883B, REV. C are also available.
PRODUCT HIGHLIGHTS
1. The AD844 is a versatile, low cost component providing an
excellent combination of ac and dc performance.
2. It is essentially free from slew rate limitations. Rise and fall
times are essentially independent of output level.
3. The AD844 can be operated from
± 4.5 V to ± 18 V power
supplies and is capable of driving loads down to 50
Ω, as well
as driving very large capacitive loads using an external network.
4. The offset voltage and input bias currents of the AD844 are
laser trimmed to minimize dc errors; VOS drift is typically
1
µV/°C and bias current drift is typically 9 nA/°C.
5. The AD844 exhibits excellent differential gain and differen-
tial phase characteristics, making it suitable for a variety of
video applications with bandwidths up to 60 MHz.
6. The AD844 combines low distortion, low noise and low drift
with wide bandwidth, making it outstanding as an input
amplifier for flash A/D converters.
FEATURES
Wide Bandwidth: 60 MHz at Gain of –1
Wide Bandwidth: 33 MHz at Gain of –10
Very High Output Slew Rate: Up to 2000 V/ s
20 MHz Full Power Bandwidth, 20 V p-p, RL = 500
Fast Settling: 100 ns to 0.1% (10 V Step)
Differential Gain Error: 0.03% at 4.4 MHz
Differential Phase Error: 0.158 at 4.4 MHz
High Output Drive: 650 mA into 50
Load
Low Offset Voltage: 150 mV Max (B Grade)
Low Quiescent Current: 6.5 mA
Available in Tape and Reel in Accordance with
EIA-481A Standard
APPLICATIONS
Flash ADC Input Amplifiers
High-Speed Current DAC Interfaces
Video Buffers and Cable Drivers
Pulse Amplifiers


Similar Part No. - AD844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
AD844 AD-AD844 Datasheet
380Kb / 20P
60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise
Rev. G
AD844ACHIPS AD-AD844ACHIPS Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
AD844ACHIPS AD-AD844ACHIPS Datasheet
422Kb / 20P
60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844ACHIPS AD-AD844ACHIPS Datasheet
380Kb / 20P
60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise
Rev. G
More results

Similar Description - AD844

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
Quad, Wideband Monolithic Op Amp
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
12MHz, 400V/us Op Amp
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
25MHz, 600V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
50MHz, 800V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
70MHz, 1000V/us Op Amp
logo
Analog Devices
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
5-MHz, 15-V/us high slew-rate, RRIO op amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com