Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 11 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD844 Datasheet HTML 7Page - Analog Devices AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices AD844 Datasheet HTML 10Page - Analog Devices AD844 Datasheet HTML 11Page - Analog Devices AD844 Datasheet HTML 12Page - Analog Devices AD844 Datasheet HTML 13Page - Analog Devices AD844 Datasheet HTML 14Page - Analog Devices AD844 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. D
AD844
–11–
Noise
Noise sources can be modeled in a manner similar to the dc bias
currents, but the noise sources are INN, INP, VN, and the amplifier
induced noise at the output, VON, is:
V
ON =
((Inp R
P )
2 +Vn2)1+
R1
R2


2
+ (Inn R1)
2
Overall noise can be reduced by keeping all resistor values to a
minimum. With typical numbers, R1 = R2 = 1 k
Ω, RP = 0,
Vn = 2 nV/
√Hz, Inp = 10 pA/√Hz, Inn = 12 pA/√Hz, VON
calculates to 12 nV/
√Hz. The current noise is dominant in
this case, as it will be in most low gain applications.
Video Cable Driver Using
5 Volt Supplies
The AD844 can be used to drive low impedance cables. Using
±5 V supplies, a 100 Ω load can be driven to ± 2.5 V with low
distortion. Figure 11a shows an illustrative application which
provides a noninverting gain of 2, allowing the cable to be
reverse-terminated while delivering an overall gain of +1 to the
load. The –3 dB bandwidth of this circuit is typically 30 MHz.
Figure 11b shows a differential gain and phase test setup. In
video applications, differential-phase and differential-gain
characteristics are often important. Figure 11c shows the varia-
tion in phase as the load voltage varies. Figure 11d shows the
gain variation.
VIN
50
3
2
+5V
–5V
7
6
4
2.2 F
2.2 F
50
300
300
ZO = 50
VOUT
RL
50
Figure 11a. The AD844 as a Cable Driver
HP8753A
NETWORK
ANALYZER
HP11850C
SPLITTER
CIRCUIT
UNDER
TEST
HP3314A
STAIRCASE
GENERATOR
VOUT
VIN
VIN
OUT
OUT
OUT
IN
RF OUT
R
EXT
TRIG
SYNC OUT
50
(TERMINATOR)
OUT
470
Figure 11b. Differential Gain/Phase Test Setup Figure
VOUT – IRE
0.3
0.2
–0.3
018
90
36
54
72
0.1
0
–0.1
–0.2
IRE = 7.14mV
Figure 11c. Differential Phase for the Circuit of Figure 11a
VOUT – IRE
0.06
0.04
–0.06
0
18
90
36
54
72
0.02
0
–0.02
–0.04
IRE = 7.14mV
Figure 11d. Differential Gain for the Circuit of Figure 11a
High Speed DAC Buffer
The AD844 performs very well in applications requiring
current-to-voltage conversion. Figure 12 shows connections for
use with the AD568 current output DAC. In this application the
bipolar offset is used so that the full-scale current is
±5.12 mA,
which generates an output of
± 5.12 V usingdecoupling and
grounding techniques to achieve the full 12-bit accuracy and
realize the fast settling capabilities of the system. The unmarked
capacitors in this figure are 0.1
µF ceramic (for the 1 kΩ appli-
cation resistor on the AD568. Figure 13 shows the full-scale
transient response. Care is needed in power supply example,
AVX Type SR305C104KAA), and the ferrite inductors should
be about 2.5
µH (for example, Fair-Rite Type 2743002122).
The AD568 data sheet should be consulted for more complete
details about its use.
Applications–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com