Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 12 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices AD844 Datasheet HTML 10Page - Analog Devices AD844 Datasheet HTML 11Page - Analog Devices AD844 Datasheet HTML 12Page - Analog Devices AD844 Datasheet HTML 13Page - Analog Devices AD844 Datasheet HTML 14Page - Analog Devices AD844 Datasheet HTML 15Page - Analog Devices AD844 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. D
AD844
–12–
Figure 13. DAC Amplifier Full-Scale Transient Response
20 MHz Variable Gain Amplifier
The AD844 is an excellent choice as an output amplifier for the
AD539 multiplier, in all of its connection modes. (See AD539
data sheet for full details.) Figure 14 shows a simple multiplier
providing the output:
V
W = –
V
X VY
2 V
where VX is the “gain control” input, a positive voltage of from
0 V to 3.2 V (max) and VY is the “signal voltage,” nominally
±2 V FS but capable of operation up to ±4.2 V. The peak out-
put in this configuration is thus
± 6.7 V. Using all four of the
internal application resistors provided on the AD539 in parallel
results in a feedback resistance of 1.5 k
Ω, at which value the
bandwidth of the AD844 is about 22 MHz, and is essentially
independent of VX. The gain at VX = 3.16 V is +4 dB.
INPUTS
VX
0 TO 3V
VY
2V FS
3nF
I/P
GND
0.22 F
TOP VIEW
(Not to Scale)
16
1
AD539
89
AD844
10
0.22 F
0.22 F
10
0.22 F
TYP+6V
+VS
@15 A
10
TYP+6V
–VS
@15 A
10
VW =
2V
–VXVY
OUTPUT
VW
*VX AND VY INPUTS MAY OPTIONALLY
BE TERMINATED – TYPICALLY BY USING
A 50
OR 75
RESISTOR TO GROUND.
Figure 14. 20 MHz VGA Using the AD539
Figure 15 shows the small signal response for a 50 dB gain
control range (VX = 10 mV to 3.16 V). At small values of VX,
capacitive feedthrough on the PC board becomes troublesome,
and very careful layout techniques are needed to minimize this
problem. A ground strip between the pins of the AD539 will be
helpful in this regard. Figure 16 shows the response to a 2 V
pulse on VY for VX = 1 V, 2 V, and 3 V. For these results, a load
resistor of 500
Ω was used and the supplies were ±9 V. The
multiplier will operate from supplies between
±4.5 V and ±16.5 V.
Disconnecting Pins 9 and 16 on the AD539 alters the denomi-
nator in the above expression to 1 V, and the bandwidth will be
approximately 10 MHz, with a maximum gain of 10 dB. Using
only Pin 9 or Pin 16 results in a denominator of 0.5 V, a band-
width of 5 MHz and a maximum gain of 16 dB.
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD568
+15V
REFCOM
–15V
IBPD
IOUT
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
DIGITAL
INPUTS
+15V
–15V
VOUT
ANALOG
SUPPLY
GROUND
DIGITAL
SUPPLY
GROUND
–5V
100pF
*0.22 F
POWER SUPPLY
BYPASS CAPACITORS
RI
AD844
MSB
LSB
*
*
*
*
Figure 12. High Speed DAC Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com