Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 3 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 3 Page - Analog Devices

  AD844 Datasheet HTML 1Page - Analog Devices AD844 Datasheet HTML 2Page - Analog Devices AD844 Datasheet HTML 3Page - Analog Devices AD844 Datasheet HTML 4Page - Analog Devices AD844 Datasheet HTML 5Page - Analog Devices AD844 Datasheet HTML 6Page - Analog Devices AD844 Datasheet HTML 7Page - Analog Devices AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. D
AD844
–3–
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD844AN
–40
°C to +85°C
N-8
AD844ACHIPS
–40
°C to +85°CDie
AD844AQ
–40
°C to +85°C
Q-8
AD844BQ
–40
°C to +85°C
Q-8
AD844JR-16
0
°C to 70°C
R-16
AD844JR-16-REEL
0
°C to 70°C
13" Tape
and Reel
AD844JR-16-REEL7
0
°C to 70°C
7" Tape
and Reel
AD844SCHIPS
–55
°C to +125°CDie
AD844SQ
–55
°C to +125°C
Q-8
AD844SQ/883B
–55
°C to +125°C
Q-8
5962-8964401PA
–55
°C to +125°C
Q-8
*
N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC).
AD844J/A
AD844B
AD844S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT SLEW RATE
Overdriven
Input
1200
2000
1200
2000
1200 2000
V/
µs
FULL POWER BANDWIDTH
VOUT = 20 V p-p
5
VS =
±15 V
20
20
20
MHz
VOUT = 2 V p-p
5
VS =
±5 V
20
20
20
MHz
THD = 3%
OUTPUT CHARACTERISTICS
Voltage
RLOAD = 500
Ω
10
11
10
11
10
11
±V
Short Circuit Current
80
80
80
mA
TMIN–TMAX
60
60
60
mA
Output Resistance
Open Loop
15
15
15
Ω
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
+4.5
±18
V
Quiescent Current
6.5
7.5
6.5
7.5
6.5
7.5
mA
TMIN–TMAX
7.5
8.5
7.5
8.5
8.5
9.5
mA
NOTES
1Rated performance after a 5 minute warmup at T
A = 25
°C.
2Input signal 285 mV p-p carrier (40 IRE) riding on 0 mV to 642 mV (90 IRE) ramp. R
L= 100
Ω; R1, R2 = 300 Ω.
3Input signal 0 dBm, C
L = 10 pF, RL = 500
Ω, R1 = 500 Ω, R2 = 500 Ω in Figure 2.
4Input signal 0 dBm, C
L =10 pF, RL = 500
Ω, R1 = 500 Ω, R2 = 50 Ω in Figure 2.
5C
L = 10 pF, RL = 500
Ω, R1 = 1 kΩ, R2 = 1 kΩ in Figure 2.
6C
L = 10 pF, RL = 500
Ω, R1 = 500 Ω, R2 = 50 Ω in Figure 2.
Specifications subject to change without notice. All min and max specifications are guaranteed.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Power Dissipation
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1 W
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Inverting Input Current
Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 mA
Transient . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA
Storage Temperature Range (Q) . . . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device
reliability.
28-Lead Plastic Package:
θ
JA = 90
°C/W
8-Lead Cerdip Package:
θ
JA = 110
°C/W
16-Lead SOIC Package:
θ
JA = 100
°C/W
METALIZATION PHOTOGRAPH
Contact factory for latest dimensions.
Dimension shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com