Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 10 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD844 Datasheet HTML 6Page - Analog Devices AD844 Datasheet HTML 7Page - Analog Devices AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices AD844 Datasheet HTML 10Page - Analog Devices AD844 Datasheet HTML 11Page - Analog Devices AD844 Datasheet HTML 12Page - Analog Devices AD844 Datasheet HTML 13Page - Analog Devices AD844 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. D
AD844
–10–
Input Impedance
At low frequencies, negative feedback keeps the resistance at the
inverting input close to zero. As the frequency increases, the
impedance looking into this input will increase from near zero to
the open loop input resistance, due to bandwidth limitations,
making the input seem inductive. If it is desired to keep the
input impedance flatter, a series RC network can be inserted
across the input. The resistor is chosen so that the parallel sum
of it and R2 equals the desired termination resistance. The
capacitance is set so that the pole determined by this RC network
is about half the bandwidth of the op amp. This network is not
important if the input resistor is much larger than the termina-
tion used, or if frequencies are relatively low. In some cases, the
small peaking that occurs without the network can be of use in
extending the –3 dB bandwidth.
Driving Large Capacitive Loads
Capacitive drive capability is 100 pF without an external net-
work. With the addition of the network shown in Figure 7, the
capacitive drive can be extended to over 10,000 pF, limited by
internal power dissipation. With capacitive loads, the output
speed becomes a function of the overdriven output current
limit. Since this is roughly
±100 mA, under these conditions,
the maximum slew rate into a 1000 pF load is
± 100 V/µs.
Figure 8 shows the transient response of an inverting amplifier
(R1 = R2 = 1 k
Ω) using the feed forward network shown in
Figure 7, driving a load of 1000 pF.
AD844
VOUT
CL
750
22pF
Figure 7. Feed Forward Network for Large Capacitive
Loads
Figure 8. Driving 1000 pF CL with Feed Forward Network
of Figure 7
Settling Time
Settling time is measured with the circuit of Figure 9. This
circuit employs a false summing node, clamped by the two
Schottky diodes, to create the error signal and limit the input
signal to the oscilloscope. For measuring settling time, the ratio
of R6/R5 is equal to R1/R2. For unity gain, R6 = R5 = 1 k
Ω,
and RL = 500
Ω. For the gain of –10, R5 = 50 Ω, R6 = 500 Ω
and RL was not used since the summing network loads the
output with approximately 275
Ω. Using this network in a
unity-gain configuration, settling time is 100 ns to 0.1% for a
–5 V to +5 V step with CL = 10 pF.
R5
D1
D2
R1
R2
R3
RL
R6
VIN
CL
VOUT
TO SCOPE
(TEK 7A11 FET PROBE)
D1, D2 IN6263 OR EQUIV. SCHOTTKY DIODE
AD844
Figure 9. Settling Time Test Fixture
DC Error Calculation
Figure 10 shows a model of the dc error and noise sources for
the AD844. The inverting input bias current, IBN, flows in the
feedback resistor. IBP, the noninverting input bias current, flows
in the resistance at Pin 3 (RP), and the resulting voltage (plus
any offset voltage) will appear at the inverting input. The total
error, VO, at the output is:
V
O = ( IBP RP + VOS + IBN RIN )1 +
R1
R2


+ I
BN R1
Since IBN and IBP are unrelated both in sign and magnitude,
inserting a resistor in series with the noninverting input will not
necessarily reduce dc error and may actually increase it.
~
R2
VN
+
INN
INP
RP
R1
IBP
IBN
VOS
AD844
RIN
Figure 10. Offset Voltage and Noise Model for the AD844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com