Electronic Components Datasheet Search
  English  ▼

X  

AD844 Datasheet(PDF) 2 Page - Analog Devices

Part # AD844
Description  60 MHz, 2000 V/us Monolithic Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 2 Page - Analog Devices

  AD844 Datasheet HTML 1Page - Analog Devices AD844 Datasheet HTML 2Page - Analog Devices AD844 Datasheet HTML 3Page - Analog Devices AD844 Datasheet HTML 4Page - Analog Devices AD844 Datasheet HTML 5Page - Analog Devices AD844 Datasheet HTML 6Page - Analog Devices AD844 Datasheet HTML 7Page - Analog Devices AD844 Datasheet HTML 8Page - Analog Devices AD844 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. D
–2–
AD844–SPECIFICATIONS
AD844J/A
AD844B
AD844S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
1
50
300
50
150
50
300
µV
TMIN–TMAX
75
500
75
200
125
500
µV
vs. Temperature
1
1
5
1
5
µV/°C
vs. Supply
5 V–18 V
Initial
4
20
4
10
4
20
µV/V
TMIN–TMAX
44
10
4
20
µV/V
vs. Common Mode
VCM =
±10 V
Initial
10
35
10
20
10
35
µV/V
TMIN–TMAX
10
10
20
10
35
µV/V
INPUT BIAS CURRENT
–Input Bias Current
1
200
450
150
250
200
450
nA
TMIN–TMAX
800
1500
750
1100
1900
2500
nA
vs. Temperature
9
9
15
20
30
nA/
°C
vs. Supply
5 V–18 V
Initial
175
250
175
200
175
250
nA/V
TMIN–TMAX
220
220
240
220
300
nA/V
vs. Common Mode
VCM =
±10 V
Initial
90
160
90
110
90
160
nA/V
TMIN–TMAX
110
110
150
120
200
nA/V
+Input Bias Current
1
150
400
100
200
100
400
nA
TMIN–TMAX
350
700
300
500
800
1300
nA
vs. Temperature
3
3
7
7
15
nA/
°C
vs. Supply
5 V–18 V
Initial
80
150
80
100
80
150
nA/V
TMIN–TMAX
100
100
120
120
200
nA/V
vs. Common Mode
VCM =
±10 V
Initial
90
150
90
120
90
150
nA/V
TMIN–TMAX
130
130
190
140
200
nA/V
INPUT CHARACTERISTICS
Input Resistance
–Input
50
65
50
65
50
65
Ω
+Input
7
10
7
10
7
10
M
Ω
Input Capacitance
–Input
2
2
2
pF
+Input
2
2
2
pF
Input Voltage Range
Common Mode
±10
±10
±10
V
INPUT VOLTAGE NOISE
f
≥ 1 kHz
2
2
2
nV/
√Hz
INPUT CURRENT NOISE
–Input
f
≥ 1 kHz
10
10
10
pA/
√Hz
+Input
f
≥ 1 kHz
12
12
12
pA/
√Hz
OPEN LOOP TRANSRESISTANCE
VOUT =
±10 V
RLOAD = 500
Ω
2.2
3.0
2.8
3.0
2.2
3.0
M
Ω
TMIN–TMAX
1.3
2.0
1.6
2.0
1.3
1.6
M
Ω
Transcapacitance
4.5
4.5
4.5
pF
DIFFERENTIAL GAIN ERROR
2
f = 4.4 MHz
0.03
0.03
0.03
%
DIFFERENTIAL PHASE ERROR
2
f = 4.4 MHz
0.15
0.15
0.15
Degree
FREQUENCY RESPONSE
Small Signal Bandwidth
Gain = –1
3
60
60
60
MHz
Gain = –10
4
33
33
33
MHz
TOTAL HARMOMIC DISTORTION
f = 100 kHz,
2 V rms
5
0.005
0.005
0.005
%
SETTLING TIME
10 V Output Step
±15 V Supplies
Gain = –1, to 0.1%
5
100
100
100
ns
Gain = –10, to 0.1%
6
100
100
100
ns
2 V Output Step
±5 V Supplies
Gain = –1, to 0.1%
5
110
110
110
ns
Gain = –10, to 0.1%
6
100
100
100
ns
(@ TA = 25 C and VS =
15 V dc, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com