Electronic Components Datasheet Search
  English  ▼

X  

PT4316 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT4316
Description  Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4316 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT4316 Datasheet HTML 3Page - Princeton Technology Corp PT4316 Datasheet HTML 4Page - Princeton Technology Corp PT4316 Datasheet HTML 5Page - Princeton Technology Corp PT4316 Datasheet HTML 6Page - Princeton Technology Corp PT4316 Datasheet HTML 7Page - Princeton Technology Corp PT4316 Datasheet HTML 8Page - Princeton Technology Corp PT4316 Datasheet HTML 9Page - Princeton Technology Corp PT4316 Datasheet HTML 10Page - Princeton Technology Corp PT4316 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4316 V1.6
- 7 -
August, 2007
Low Power 315/433 MHz OOK/ASK Superheterodyne
Receiver with SAW-based Oscillator
PT4316
IF LOW-PASS FILTER
The built-in IF filter is composed of three Sallen-Key low-pass filter stages and it has a -3dB bandwidth
of 3.1MHz. One stage Sallen-Key filter and frequency response of three cascaded filters as following
figure.
SAW OSCILLATOR
The SAW oscillator is configured as a Colpitts oscillator but consists of 3 cascaded amplifiers instead
of a single amplifier. Although the circuit configuration is quite similar to the conventional Colpitts
oscillator, this configuration is capable of generating a much higher value of negative resistance. The
one-port SAW resonator is connected between pin 15 (OSCIN) and pin 16 (OSCOUT).
The capacitor connected from pin 15 (OSCIN) to ground is used for adjusting the oscillation frequency.
In general, this capacitor is unnecessary if the frequency drift can be ignored. The figures at below, an
equivalent circuit of a SAW resonator and its component valuesare, are shown for reference.
*Optional
*C11
SAW Resonator
16
OSCIN
OSCOUT
15
C1
L1
C0
R1
SAW resonator equivalent circuit
Part Number
Center Frequency(MHz)
R1 (
Ω)
L1 (
µH)
C1 (pF)
C0 (pF)
MFSRA316.2
316.2
19
119.06
0.00213
2.4
MFSRA435.2
435.2
20
86.47
0.00155
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com