Electronic Components Datasheet Search
  English  ▼

X  

PT4316 Datasheet(PDF) 17 Page - Princeton Technology Corp

Part # PT4316
Description  Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4316 Datasheet(HTML) 17 Page - Princeton Technology Corp

Back Button PT4316 Datasheet HTML 13Page - Princeton Technology Corp PT4316 Datasheet HTML 14Page - Princeton Technology Corp PT4316 Datasheet HTML 15Page - Princeton Technology Corp PT4316 Datasheet HTML 16Page - Princeton Technology Corp PT4316 Datasheet HTML 17Page - Princeton Technology Corp PT4316 Datasheet HTML 18Page - Princeton Technology Corp PT4316 Datasheet HTML 19Page - Princeton Technology Corp PT4316 Datasheet HTML 20Page - Princeton Technology Corp PT4316 Datasheet HTML 21Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4316 V1.6
- 17 -
August, 2007
Low Power 315/433 MHz OOK/ASK Superheterodyne
Receiver with SAW-based Oscillator
PT4316
Value
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Bandwidth
BWLIM
5
MHz
RSSI dynamic range
DRRSSI
70
dB
RSSI curve slope
SLRSSI
14
10.8
mV/dB
PRF < -120dBm
1.0
RSSI level
VRSSI
PRF > -30dBm
1.8
V
Data Filter
Bandwidth
BWDF
1
50
KHz
Maximum load capacitance
CLoad,DS
20
pF
Notes:
1. BER = 1e-3, data rate = 2Kb/s.
2. Use AM 99% with square wave modulation (if limited by capabilities of signal generator).
3. Data rate selection affects choice of component values for data filter, peak detector and slicer.
4. AGC attack and decay currents are around 15
µA and 1.5µA.
5. AGC threshold depends on the gain setting and matching of LNA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com