Electronic Components Datasheet Search
  English  ▼

X  

PT4316 Datasheet(PDF) 14 Page - Princeton Technology Corp

Part # PT4316
Description  Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4316 Datasheet(HTML) 14 Page - Princeton Technology Corp

Back Button PT4316 Datasheet HTML 10Page - Princeton Technology Corp PT4316 Datasheet HTML 11Page - Princeton Technology Corp PT4316 Datasheet HTML 12Page - Princeton Technology Corp PT4316 Datasheet HTML 13Page - Princeton Technology Corp PT4316 Datasheet HTML 14Page - Princeton Technology Corp PT4316 Datasheet HTML 15Page - Princeton Technology Corp PT4316 Datasheet HTML 16Page - Princeton Technology Corp PT4316 Datasheet HTML 17Page - Princeton Technology Corp PT4316 Datasheet HTML 18Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4316 V1.6
- 14 -
August, 2007
Low Power 315/433 MHz OOK/ASK Superheterodyne
Receiver with SAW-based Oscillator
PT4316
PCB LAYOUT CONSIDERATION
Proper PCB layout is extremely critical in achieving good RF performance. At the very least, using a
two-layer PCB is strongly recommended, so that one layer may incorporate a continuous ground plane.
A large number of via holes should connect the ground plane areas between the top and bottom layers.
Note that if the PCB design incorporates a printed loop antenna, there should be no ground plane
beneath the antenna.
Within the PT4316, the power supply rails of the LNA and others blocks should be separated for
improving the isolation and minimizing the noise coupling effects. Careful consideration must also be
paid to the supply power and ground at the board level. The larger ground area plane should be placed
as close as possible to the VSS and VSSLNA pins. To reduce supply bus noise coupling, sensitive
blocks such as the LNA or mixer should be biased thru separated power supply traces, incorporating
series-R, shunt-C filtering as the following figure.
If the power source is capable of supplying a stable voltage, C’ may be ignored. In some applications,
the DC source may be supplied from a simple AC-DC transformer. In such cases, the DC voltage level
could be unstable and may adversely affect ASK/OOK receiver sensitivity. A solution may be to
increase C to an appropriately large value while continuing to make the power source as stable as
possible.
Finally, in an RF system, it is extremely important to keep the LNA or RF signal traces away from large
voltage swing signals and digital data signal traces to avoid unnecessary interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com