Electronic Components Datasheet Search
  English  ▼

X  

PT4316 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT4316
Description  Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4316 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT4316 Datasheet HTML 8Page - Princeton Technology Corp PT4316 Datasheet HTML 9Page - Princeton Technology Corp PT4316 Datasheet HTML 10Page - Princeton Technology Corp PT4316 Datasheet HTML 11Page - Princeton Technology Corp PT4316 Datasheet HTML 12Page - Princeton Technology Corp PT4316 Datasheet HTML 13Page - Princeton Technology Corp PT4316 Datasheet HTML 14Page - Princeton Technology Corp PT4316 Datasheet HTML 15Page - Princeton Technology Corp PT4316 Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4316 V1.6
- 12 -
August, 2007
Low Power 315/433 MHz OOK/ASK Superheterodyne
Receiver with SAW-based Oscillator
PT4316
DEMODULATION
By the different circuit combination, the PT4316 can achieve two demodulation modes, which are
called “Peak Mode” and “Average Mode.”
PEAK MODE
By adjusting the ratio of R4/R9, the threshold voltage can be set at the peak detector output for
comparison (see the figure of Circuit for using peak detector for faster start-up at p.11). The
demodulated data would go into a quasi-mute state as the RF input signal becomes very small, which
means when there is no RF signal received or the RF signal is too small, the DATA output will remain
mostly at a logic “HIGH” level. If the environment is very noisy, the R4 value may be enlarged to
achieve better immunity against noise but at the cost of less sensitivity.
AVERAGE MODE
When the “Average Mode” has been set (see the figure of Circuit for generating data slicer threshold at
p.11), the DATA output will exhibit a toggling behaviour similar to random noise. In this mode, better
sensitivity may be achieved, but noise immunity is worse than in “Peak Mode.”
POWER-DOWN CONTROL
The chip enable (CE) pin controls the power on/off behaviour of the PT4316. Connecting CE to “HIGH”
sets the PT4316 to the normal operation mode; connecting CE to “LOW” sets the PT4316 to standby
mode. The chip consumption current will be lower than 1
µA in standby mode. Once enabled, the
PT4316 requires <10ms to recover received data. Timing plot of PT4316 chip enable as following
figure.
PT4316
CE
OSC
DATA O/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com