Electronic Components Datasheet Search
  English  ▼

X  

PT4316 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT4316
Description  Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4316 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT4316 Datasheet HTML 7Page - Princeton Technology Corp PT4316 Datasheet HTML 8Page - Princeton Technology Corp PT4316 Datasheet HTML 9Page - Princeton Technology Corp PT4316 Datasheet HTML 10Page - Princeton Technology Corp PT4316 Datasheet HTML 11Page - Princeton Technology Corp PT4316 Datasheet HTML 12Page - Princeton Technology Corp PT4316 Datasheet HTML 13Page - Princeton Technology Corp PT4316 Datasheet HTML 14Page - Princeton Technology Corp PT4316 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4316 V1.6
- 11 -
August, 2007
Low Power 315/433 MHz OOK/ASK Superheterodyne
Receiver with SAW-based Oscillator
PT4316
PEAK DETECTOR
The peak detector generates a DC voltage which is proportional to the peak value of the received data
signal. An external R-C network is necessary. The peak detector input is connected to the RSSI output
of the limiter and the output is connected to pin 8 (DSP). This output can be used as an indicator for the
received signal strength for use in wake-up circuits and as a reference for the data slicer in ASK mode.
The time constant is calculated with the driving current of the data filter op-amp, 100
µA. Circuit for
using peak detector for faster start-up as the following figure.
Data Output
Data Slicer
R4
Data Filter
C12
12
11
R5
DATA SLICER
The data slicer consists chiefly of a fast comparator, which allows for a maximum receive data rate of
up to 50Kb/s. The maximum achievable data rate also depends upon the IF filter bandwidth. Both data
slicer inputs are accessible off-chip to allow for easy adjustment of the slicing threshold. The output
delivers a digital data signal (CMOS level) for subsequent circuits. The self-adjusting threshold on pin
12(DSN) is generated by an R-C network or peak detector depending upon the baseband coding
scheme.
The suggested data slicer configuration uses an internal 100K
Ω resistor connected between DSN and
DSP with a capacitor from DSN to ground as shown in the following figure. The cut-off frequency of the
R-C integrator must be set lower than the lowest frequency appearing in the data signal to minimize
distortion in the output signal. Circuit for generating data slicer threshold as following figure.
Data Output
Data Slicer
Data Filter
C12
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com