Electronic Components Datasheet Search
  English  ▼

X  

PT4316 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT4316
Description  Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4316 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT4316 Datasheet HTML 4Page - Princeton Technology Corp PT4316 Datasheet HTML 5Page - Princeton Technology Corp PT4316 Datasheet HTML 6Page - Princeton Technology Corp PT4316 Datasheet HTML 7Page - Princeton Technology Corp PT4316 Datasheet HTML 8Page - Princeton Technology Corp PT4316 Datasheet HTML 9Page - Princeton Technology Corp PT4316 Datasheet HTML 10Page - Princeton Technology Corp PT4316 Datasheet HTML 11Page - Princeton Technology Corp PT4316 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4316 V1.6
- 8 -
August, 2007
Low Power 315/433 MHz OOK/ASK Superheterodyne
Receiver with SAW-based Oscillator
PT4316
For down-converting the RF signal to the IF frequency, a suitable SAW oscillation frequency must be
chosen. For the PT4316, the -3dB bandwidth of the IF chain is located from 250KHz to 3.1MHz and its
optimum value is around 1.2MHz. The following equation may be utilized to calculate an appropriate
SAW oscillator frequency.
SAW Oscillator (Freq.) = TX (Freq.) +/
– (250KHz ~ 3.1MHz)
In addition to a SAW resonator, the resonant circuit may also be achieved by an “L-C tank”. The
recommended circuit for an “L-C tank” is as the following figure.
16
OSCIN
OSCOUT
15
C14
C15
LIMITER/RSSI
The limiter is an AC coupled multi-stage amplifier with a cumulative gain of approximately 70dB that
has a band-pass characteristic centered around 2MHz. The -3dB bandwidth of the limiter is around
5MHz (from 250KHz to 5.2MHz). The limiter circuit also produces an RSSI voltage that is directly
proportional to the input signal level with a slope of approximately 14mV/dB. This signal is used to
demodulate ASK-modulated receive signals in the subsequent baseband circuitry.
Frequency
(MHz)
C14
(pF)
C15
(pF)
Trimmer L3
(H)
315
100
10
2.5 T
433.92
100
5.6
1.5 T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com