Electronic Components Datasheet Search
  English  ▼

X  

LT1007CP Datasheet(PDF) 5 Page - Texas Instruments

Part # LT1007CP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007CP Datasheet(HTML) 5 Page - Texas Instruments

  LT1007CP Datasheet HTML 1Page - Texas Instruments LT1007CP Datasheet HTML 2Page - Texas Instruments LT1007CP Datasheet HTML 3Page - Texas Instruments LT1007CP Datasheet HTML 4Page - Texas Instruments LT1007CP Datasheet HTML 5Page - Texas Instruments LT1007CP Datasheet HTML 6Page - Texas Instruments LT1007CP Datasheet HTML 7Page - Texas Instruments LT1007CP Datasheet HTML 8Page - Texas Instruments LT1007CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
electrical characteristics, VCC± = ±15 V
PARAMETER
TEST CONDITIONS
TA
LT1007M,
LT1037M
LT1007AM,
LT1037AM
UNIT
A
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
See Note 3
25
°C
20
60
10
25
µV
VIO
Input offset voltage
See Note 3
–55
°C to 125°C
160
60
µV
αVIO
Average temperature
coefficient of input
offset voltage
–55
°C to 125°C
1
0.6
µV/°C
IIO
Input offset current
25
°C
12
50
7
30
nA
IIO
Input offset current
–55
°C to 125°C
85
50
nA
IIB
Input bias current
25
°C
±15
±55
±10
±35
nA
IIB
Input bias current
–55
°C to 125°C
±95
±60
nA
Peak output voltage
RL = 2 kΩ
25
°C
±12.5 ±13.5
±13 ±13.8
VOM
Peak output voltage
swing
RL = 600 Ω
25
°C
±10.5 ±12.5
±11 ±12.5
V
swing
RL = 2 kΩ
–55
°C to 125°C
±12
±12.5
RL ≥ 2 kΩ, VO = ± 12 V
25
°C
5
20
7
20
Large-signal
RL ≥ 1 kΩ, VO = ± 10 V
25
°C
3.5
16
5
16
AVD
Large signal
differential voltage
lifi
i
RL ≥ 600 Ω, VO = ± 10 V
25
°C
2
12
3
12
V
/µV
amplification
RL ≥ 2 kΩ, VO = ± 10 V
–55
°C to 125°C
2
3
RL ≥ 1 kΩ, VO = ± 10 V
–55
°C to 125°C
1.5
2
ri(CM)
Common-mode input
resistance
25
°C
5
7
G
Ω
ro
Open-loop output
resistance
25
°C
70
70
Ω
CMRR
Common-mode
VIC = ± 11 V
25
°C
110
126
117
130
dB
CMRR
rejection ratio
VIC = ± 10.3 V
–55
°C to 125°C
104
112
dB
kSVR
Supply voltage
VCC
± = ±4 V to ±18 V
25
°C
106
126
110
130
dB
kSVR
yg
rejection ratio
VCC
± = ±4.5 V to ±18 V –55°C to 125°C
100
104
dB
LT1007M, LT1007AM
25
°C
80
140
80
120
PD
Power dissipation
LT1037M, LT1037AM
25
°C
85
140
80
130
mW
–55
°C to 125°C
170
150
NOTE 3: VIO measurements are performed by automatic test equipment approximately 0.5 seconds after application of power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com