Electronic Components Datasheet Search
  English  ▼

X  

LT1007CP Datasheet(PDF) 12 Page - Texas Instruments

Part # LT1007CP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007CP Datasheet(HTML) 12 Page - Texas Instruments

Back Button LT1007CP Datasheet HTML 8Page - Texas Instruments LT1007CP Datasheet HTML 9Page - Texas Instruments LT1007CP Datasheet HTML 10Page - Texas Instruments LT1007CP Datasheet HTML 11Page - Texas Instruments LT1007CP Datasheet HTML 12Page - Texas Instruments LT1007CP Datasheet HTML 13Page - Texas Instruments LT1007CP Datasheet HTML 14Page - Texas Instruments LT1007CP Datasheet HTML 15Page - Texas Instruments LT1007CP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
12
TYPICAL CHARACTERISTICS†
Supply
Positive
Supply
Negative
TA = 25°C
160
140
120
100
80
60
40
20
108
107
106
105
104
103
102
10
f – Frequency – Hz
1
0
f – Frequency – Hz
40
140
120
100
80
107
106
105
104
60
103
LT1007
LT1037
TA = 25°C
VCM = ± 10 V
VCC = ± 15 V
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
SUPPLY VOLTAGE REJECTION RATIO
vs
FREQUENCY
Figure 17
Figure 18
60
50
20
15
CL = 100 pF
VCC = 15 V
φm
SR
GBW
(f = 100 kHz)
70
60
50
TA – Free-Air Temperature – ° C
125
100
75
50
25
0
–25
–50
10
CL = 100 pF
VCC = ± 15 V
SR
GBW
(f = 100 kHz)
φm
9
8
7
70
60
50
3
2
125
100
75
50
25
0
–25
TA – Free-Air Temperature – ° C
–50
1
LT1007
SLEW RATE, PHASE MARGIN AND
GAIN BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
LT1037
SLEW RATE, PHASE MARGIN AND
GAIN BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
Figure 19
Figure 20
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com