Electronic Components Datasheet Search
  English  ▼

X  

LT1007CP Datasheet(PDF) 11 Page - Texas Instruments

Part # LT1007CP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007CP Datasheet(HTML) 11 Page - Texas Instruments

Back Button LT1007CP Datasheet HTML 7Page - Texas Instruments LT1007CP Datasheet HTML 8Page - Texas Instruments LT1007CP Datasheet HTML 9Page - Texas Instruments LT1007CP Datasheet HTML 10Page - Texas Instruments LT1007CP Datasheet HTML 11Page - Texas Instruments LT1007CP Datasheet HTML 12Page - Texas Instruments LT1007CP Datasheet HTML 13Page - Texas Instruments LT1007CP Datasheet HTML 14Page - Texas Instruments LT1007CP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
11
TYPICAL CHARACTERISTICS†
RL = 600 Ω
VO = ± 8 V for TA ≥ 100 ° C
RL = 600 Ω
RL = 1 kΩ
RL = 2 kΩ
VO = ± 10 V
VCC
± = ± 15 V
25
20
15
10
5
125
100
75
50
25
0
–25
TA – Free-Air Temperature – °C
–50
0
TA = 25°C
VCC
± = ± 15 V
25
20
15
10
5
RL – Load Resistance – kΩ
10
4
1
0.4
0
0.1
DIFFERNTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
DIFFERNTIAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
Figure 13
Figure 14
RL = 600 Ω
RL = 2 kΩ
TA = 25°C
25
20
15
10
5
±25
±20
±15
±10
±5
VCC
± – Supply Voltage – V
0
0
15
10
5
0
–5
–10
–1
4
3
2
1
0
RL = 2 kΩ
RL = 600 Ω
VCC
± = ±15 V
TA = 25°C
VO – Output Voltage – V
–2
–15
DIFFERNTIAL VOLTAGE AMPLIFICATION
vs
SUPPLY VOLTAGE
DIFFERNTIAL INPUT VOLTAGE
vs
OUTPUT VOLTAGE
Figure 15
Figure 16
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com