Electronic Components Datasheet Search
  English  ▼

X  

LT1007CP Datasheet(PDF) 10 Page - Texas Instruments

Part # LT1007CP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007CP Datasheet(HTML) 10 Page - Texas Instruments

Back Button LT1007CP Datasheet HTML 6Page - Texas Instruments LT1007CP Datasheet HTML 7Page - Texas Instruments LT1007CP Datasheet HTML 8Page - Texas Instruments LT1007CP Datasheet HTML 9Page - Texas Instruments LT1007CP Datasheet HTML 10Page - Texas Instruments LT1007CP Datasheet HTML 11Page - Texas Instruments LT1007CP Datasheet HTML 12Page - Texas Instruments LT1007CP Datasheet HTML 13Page - Texas Instruments LT1007CP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
10
TYPICAL CHARACTERISTICS
TA = 25 ° C
RL = 2 kΩ
VCC
± = ±15 V
LT1007
100 M
1 M
10 k
100
1
180
160
140
120
100
80
60
40
20
0
0.01
f – Frequency – Hz
–20
f – Frequency – Hz
10 M
1 M
100 k
10 k
28
24
20
16
12
8
4
0
1 k
TA = 25°C
VCC
± = 25°C
LT1007
LT1037
PEAK-TO-PEAK OUTPUT VOLTAGE SWING
vs
FREQUENCY
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
LT1037
Figure 9
Figure 10
LT1007
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
LT1037
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
VCC
± = ± 15 V
CL = 100 pF
TA = 25°C
VCC
± = ± 15 V
CL = 100 pF
TA = 25°C
190
°
180
°
170
°
160
°
150
°
140
°
130
°
120
°
110
°
100
°
90
°
90
°
100
°
110
°
120
°
130
°
140
°
150
°
160
°
170
°
180
°
190
°
AVD
AV = 5
100
10
1
50
40
30
20
10
f – Frequency – MHz
0.1
0
40
30
20
10
0
100
10
1
f – Frequency – MHz
0.1
–10
φ
φ
AVD
35
25
15
5
–5
45
35
25
15
5
Figure 11
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com