Electronic Components Datasheet Search
  English  ▼

X  

LT1007CP Datasheet(PDF) 23 Page - Texas Instruments

Part # LT1007CP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007CP Datasheet(HTML) 23 Page - Texas Instruments

Back Button LT1007CP Datasheet HTML 16Page - Texas Instruments LT1007CP Datasheet HTML 17Page - Texas Instruments LT1007CP Datasheet HTML 18Page - Texas Instruments LT1007CP Datasheet HTML 19Page - Texas Instruments LT1007CP Datasheet HTML 20Page - Texas Instruments LT1007CP Datasheet HTML 21Page - Texas Instruments LT1007CP Datasheet HTML 22Page - Texas Instruments LT1007CP Datasheet HTML 23Page - Texas Instruments LT1007CP Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
23
APPLICATION INFORMATION
2.5 V
LT1007
LT1009
5 k
Ω
–7.5 V
4
2
3
6
7
7.5 V
Reference Out
k
Ω†
30.1
Bridge
350
Ω
6
7.5 V
7
4
–7.5 V
3
LT1007
2
Output
0 to 10 V
Trim
Zero
10 k
Ω
15 V
–15 V
LT1007
3
2
6
7
4
1
µF
30.1 k
Ω†
499
Ω†
50 k
Ω
Trim
Gain
+
–
+
–
+
–
† RN60C Film Resistors
The LT1007 is capable of providing excitation current
directly to bias the 350-
Ω bridge at 5 V. With only 5 V
across the bridge (as opposed to the usual 10 V) total
power dissipation and bridge warm-up drift is reduced.
The bridge output signal is halved, but the LT1007 can
amplify the reduced signal accurately.
Figure 50. Strain Gauge Signal Conditioner With Bridge Excitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com