Electronic Components Datasheet Search
  English  ▼

X  

LT1007CP Datasheet(PDF) 14 Page - Texas Instruments

Part # LT1007CP
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1007CP Datasheet(HTML) 14 Page - Texas Instruments

Back Button LT1007CP Datasheet HTML 10Page - Texas Instruments LT1007CP Datasheet HTML 11Page - Texas Instruments LT1007CP Datasheet HTML 12Page - Texas Instruments LT1007CP Datasheet HTML 13Page - Texas Instruments LT1007CP Datasheet HTML 14Page - Texas Instruments LT1007CP Datasheet HTML 15Page - Texas Instruments LT1007CP Datasheet HTML 16Page - Texas Instruments LT1007CP Datasheet HTML 17Page - Texas Instruments LT1007CP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
14
TYPICAL CHARACTERISTICS†
Maximum
1/f Corner = 120 Hz
10 k
1 k
100
10
3
1
0.3
f – Frequency – Hz
10
0.1
f = 1 kHz
f = 10 Hz
TA = 25°C
5
4
3
2
1
±25
±20
±15
±10
±5
VCC
± – Supply Voltage – V
0
0
EQUIVALENT INPUT NOISE VOLTAGE
vs
SUPPLY VOLTAGE
EQUIVALENT INPUT NOISE CURRENT
vs
FREQUENCY
Typical
VCC
± = ±15 V
Figure 25
Figure 26
VCC = ± 15 V
RS = 2R
R
R
Only
Noise
Resistor
At 10 Hz
TA = – 55°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = 25°C
TA = – 55°C
3
2
1
50
40
30
20
10
0
– 10
– 20
– 30
–40
Time From Output Short to Ground – minutes
0
–50
1000
100
10
100
10
1
RS – Source Resistance – kΩ
0.1
1
TOTAL NOISE VOLTAGE
vs
SOURCE RESISTANCE
SHORT-CIRCUIT OUTPUT CURRENT
vs
ELAPSED TIME
TA = 25°C
VCC = ±15 V
At 1 kHz
Figure 27
Figure 28
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com