Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 34 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD3530 Datasheet HTML 30Page - Analog Devices AD3530 Datasheet HTML 31Page - Analog Devices AD3530 Datasheet HTML 32Page - Analog Devices AD3530 Datasheet HTML 33Page - Analog Devices AD3530 Datasheet HTML 34Page - Analog Devices AD3530 Datasheet HTML 35Page - Analog Devices AD3530 Datasheet HTML 36Page - Analog Devices AD3530 Datasheet HTML 37Page - Analog Devices AD3530 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. 0 | 34 of 45
0
0
1
1
2
1
3
0
4
1
5
0
6
1
7
0
[7:0] VID[7:0] (R)
Table 20. Bit Descriptions for VENDOR_L
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[7:0]
Analog Devices Vendor ID.
0x56
R
VENDOR ID HIGH REGISTER
Address: 0x0D, Reset: 0x04, Name: VENDOR_H
High byte of the vendor ID
0
0
1
0
2
1
3
0
4
0
5
0
6
0
7
0
[7:0] VID[15:8] (R)
Table 21. Bit Descriptions for VENDOR_H
Bits
Bit Name
Description
Reset
Access
[7:0]
VID[15:8]
Analog Devices Vendor ID.
0x4
R
STREAM MODE REGISTER
Address: 0x0E, Reset: 0x00, Name: STREAM_MODE
Defines the length of the loop when streaming data
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] LOOP_COUNT (R/W)
Table 22. Bit Descriptions for STREAM_MODE
Bits
Bit Name
Description
Reset
Access
[7:0]
LOOP_COUNT
Sets the Data Byte Count Before Looping to Start Address. When streaming data, a nonzero value sets the
number of data bytes written before the address loops back to the start address. A maximum of 255 bytes may
be written using this approach. A value of 0x00, disables the loop back, so that addressing wraps around at the
upper/lower limits of memory.
0x0
R/W
TRANSFER CONFIGURATION REGISTER
Address: 0x0F, Reset: 0x00, Name: TRANSFER_CONFIG
Controls how data moves between the controller and target registers
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:3] RESERVED
[1:0] RESERVED
[2] KEEP_STREAM_LENGTH_VAL (R/W)
Table 23. Bit Descriptions for TRANSFER_CONFIG
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
KEEP_STREAM_LENGTH_VAL
Whet Set the Loop Counter Does Not Reset on CSB Rising Edge.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com