Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 26 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD3530 Datasheet HTML 22Page - Analog Devices AD3530 Datasheet HTML 23Page - Analog Devices AD3530 Datasheet HTML 24Page - Analog Devices AD3530 Datasheet HTML 25Page - Analog Devices AD3530 Datasheet HTML 26Page - Analog Devices AD3530 Datasheet HTML 27Page - Analog Devices AD3530 Datasheet HTML 28Page - Analog Devices AD3530 Datasheet HTML 29Page - Analog Devices AD3530 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
Data Sheet
AD3530/AD3530R
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 26 of 45
Figure 70. DAC Update Flowchart
Option 1 (Immediate Update, Unique Data, No
LDAC, and Single and Multiple Channels)
Option 1 allows the immediate update of the DAC_CHn registers
after writing the whole 16-bit data. An LDAC is not required.
Option 1 is applicable to both single channel and multiple channel
updates in single instruction or stream modes.
Figure 71. Option 1 Example: Write to DAC_CH0 Register; Single Instruction
Mode and Address Descending
A single instruction is sent with the descending mode selected. The
higher address of the multibyte register is called on the instruction
phase (0xD4, DAC_CH0 register, followed by two 8-bit data) that
updates the output immediately after the last SCLK.
Option 2 (Controlled Update, Unique Data,
Hardware LDAC, and Single and Multiple
Channels
Option 2 allows controlled update timing of the DAC_CHn registers
from the INPUT_CHn registers through a hardware LDAC.
Applicable to both single channel and multiple channel updates in
single instruction or stream modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com