Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 44 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD3530 Datasheet HTML 37Page - Analog Devices AD3530 Datasheet HTML 38Page - Analog Devices AD3530 Datasheet HTML 39Page - Analog Devices AD3530 Datasheet HTML 40Page - Analog Devices AD3530 Datasheet HTML 41Page - Analog Devices AD3530 Datasheet HTML 42Page - Analog Devices AD3530 Datasheet HTML 43Page - Analog Devices AD3530 Datasheet HTML 44Page - Analog Devices AD3530 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. 0 | 44 of 45
Table 39. Bit Descriptions for MULTI_INPUT_SEL_0 (Continued)
Bits
Bit Name
Description
Reset
Access
0: MI Sel 0. Deselect INPUT_CH3 for MULTI_INPUT_CH operation.
1: MI Sel 1. Select INPUT_CH3 for MULTI_INPUT_CH operation.
2
MI_SEL_CH_2
Multiple Input Select Channel 2. If selected, write operation on MULTI_INPUT_CH also writes INPUT_CH2 with
the same data. If deselected, write operation on Multi_DAC_Ch will have no effect on INPUT_CH2.
0x1
R/W
0: MI Sel 0. Deselect INPUT_CH2 for MULTI_INPUT_CH operation.
1: MI Sel 1. Select INPUT_CH2 for MULTI_INPUT_CH operation.
1
MI_SEL_CH_1
Multiple Input Select Channel 1. If selected, write operation on MULTI_INPUT_CH also writes INPUT_CH1 with
the same data. If deselected, write operation on Multi_DAC_Ch will have no effect on INPUT_CH1.
0x1
R/W
0: MI Sel 0. Deselect INPUT_CH1 for MULTI_INPUT_CH operation.
1: MI Sel 1. Select INPUT_CH1 for MULTI_INPUT_CH operation.
0
MI_SEL_CH_0
Multiple Input Select Channel 0. If selected, write operation on MULTI_INPUT_CH also writes INPUT_CH0 with
the same data. If deselected, write operation on Multi_DAC_Ch will have no effect on INPUT_CH0.
0x1
R/W
0: MI Sel 0. Deselect INPUT_CH0 for MULTI_INPUT_CH operation.
1: MI Sel 1. Select INPUT_CH0 for MULTI_INPUT_CH operation.
SOFTWARE LDAC TRIGGER 0 REGISTER
Address: 0xE9, Reset: 0x00, Name: SW_LDAC_TRIG_0
Initiates transfer of INPUT_CHn to DAC_CHn; only takes effect on enabled channels identified by SW_LDAC_EN_0
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SLD_TRIG_0 (W)
[6:0] RESERVED
Table 40. Bit Descriptions for SW_LDAC_TRIG_0
Bits
Bit Name
Description
Reset
Access
7
SLD_TRIG_0
Software LDAC Trigger 0. When set, initiates transfer of INPUT_CHn to DAC_CHn, where n is the channel number
as enabled by SW_LDAC_EN_0. Writing 0 has no effect.
0x0
W
[6:0]
RESERVED
Reserved.
0x0
R
INPUT REGISTER
Address: 0xEA to 0xF8 (increments of 2), Reset: 0x0000, Name: INPUT_CHn
A write to this register does not update the output voltage of the device; hardware LDAC or software LDAC is required to push data from
INPUT_CHn to DAC_CHn, which also updates the output
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
0
12
0
13
0
14
0
15
0
[15:0] INPUT_VAL (R/W)
Table 41. Bit Descriptions for INPUT_CHn
Bits
Bit Name
Description
Reset
Access
[15:0]
INPUT_VAL
Input Value. 16-bit INPUT_CHn data where n is the channel number.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com