Electronic Components Datasheet Search
  English  ▼

X  

AD3530 Datasheet(PDF) 37 Page - Analog Devices

Part # AD3530
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD3530 Datasheet HTML 33Page - Analog Devices AD3530 Datasheet HTML 34Page - Analog Devices AD3530 Datasheet HTML 35Page - Analog Devices AD3530 Datasheet HTML 36Page - Analog Devices AD3530 Datasheet HTML 37Page - Analog Devices AD3530 Datasheet HTML 38Page - Analog Devices AD3530 Datasheet HTML 39Page - Analog Devices AD3530 Datasheet HTML 40Page - Analog Devices AD3530 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
Data Sheet
AD3530/AD3530R
REGISTER DETAILS
analog.com
Rev. 0 | 37 of 45
Table 27. Bit Descriptions for OUTPUT_OPERATING_MODE_1
Bits
Bit Name
Description
Reset
Access
[7:6]
MODE_CH_7
Mode Channel 7. Output operating mode for Channel 7.
0x3
R/W
00: Normal operation.
01: Powered down: 1kΩ output impedance.
10: Powered down: 7.7kΩ output impedance.
11: Powered down: 32kΩ output impedance.
[5:4]
MODE_CH_6
Mode Channel 6. Output operating mode for Channel 6.
0x3
R/W
00: Normal operation.
01: Powered down: 1kΩ output impedance.
10: Powered down: 7.7kΩ output impedance.
11: Powered down: 32kΩ output impedance.
[3:2]
MODE_CH_5
Mode Channel 5. Output operating mode for Channel 5.
0x3
R/W
00: Normal operation.
01: Powered down: 1kΩ output impedance.
10: Powered down: 7.7kΩ output impedance.
11: Powered down: 32kΩ output impedance.
[1:0]
MODE_CH_4
Mode Channel 4. Output operating mode for Channel 4.
0x3
R/W
00: Normal operation.
01: Powered down: 1kΩ output impedance.
10: Powered down: 7.7kΩ output impedance.
11: Powered down: 32kΩ output impedance.
OUTPUT CONTROL 0 REGISTER
Address: 0x2A, Reset: 0x00, Name: OUTPUT_CONTROL_0
Configures output range for all channels
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:3] RESERVED
[1:0] RESERVED
[2] RANGE (R/W)
Table 28. Bit Descriptions for OUTPUT_CONTROL_0
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
RANGE
Output Range. Bitfield used to configure output range for all channels.
0x0
R/W
0: Range 0. Output will range from 0V to VREF.
1: Range 1. Output will range from 0V to 2 × VREF.
[1:0]
RESERVED
Reserved.
0x0
R
REFERENCE CONTROL 0 REGISTER
Address: 0x3C, Reset: 0x00, Name: REFERENCE_CONTROL_0
Configures reference source for all channels
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] SEL (R/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com