Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC4292
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 28Page - Analog Devices LTC4292 Datasheet HTML 29Page - Analog Devices LTC4292 Datasheet HTML 30Page - Analog Devices LTC4292 Datasheet HTML 31Page - Analog Devices LTC4292 Datasheet HTML 32Page - Analog Devices LTC4292 Datasheet HTML 33Page - Analog Devices LTC4292 Datasheet HTML 34Page - Analog Devices LTC4292 Datasheet HTML 35Page - Analog Devices LTC4292 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 32 of 39
Figure 49. Power Supply Configuration with External 3.3V Regulator
High-Speed Data Interface
The communication between the LTC9101-2B and LTC9102s is
through a high-speed data interface over either a proprietary isola-
tion scheme or direct connection scheme. For proper operation,
strict layout guidelines must be met, see High-Speed Data Interface
Layout.
In the proprietary isolation scheme, the LTC9101-2B/LTC9102 chip-
set uses transformers to isolate the LTC9101-2B from one to four
LTC9102s (see Figure 50). In this case, the SDAIN and SDAOUT
pins can be shorted to each other and tied directly to the I2C/
SMBus bus. The transformers should be 10Base-T or 10/100Base-
T with a 1:1 turns ratio. Optimally, the selected transformers do not
have common-mode chokes. These transformers typically provide
1500V of isolation between the LTC9101-2B and the LTC9102s.
Significant BOM cost reductions can be achieved using the propri-
etary isolation scheme.
In the direct connection scheme, the LTC9101-2B/LTC9102 chip-
set relies on pre-existing system isolation. In this scheme, the
LTC9101-2B connects directly to one or more LTC9102s using a
proprietary communication protocol (see Figure 51).
External MOSFET
Careful selection of the power MOSFET is critical to system reliabil-
ity. Choosing a MOSFET requires extensive analysis and testing
of the MOSFET SOA curve against the various PSE current limit
conditions. Analog Devices recommends the PSMN075-100MSE,
PSMN040-100MSE, or FDMC3612 for 802.3bt 2-pair applications
up to Class 4 (30W) output power. These MOSFETs are selected
for their proven reliability in PoE applications. Contact Analog
Devices Technical Support before using a MOSFET other than one
of these recommended parts.
Sense Resistors
The LTC9101-2B/LTC9102 is designed for a low 0.1Ω current
sense resistance per channel, laid out as shown in the Layout
Requirements section, Figure 53. In order to meet the IHOLD-2P,
and ILIM-2P accuracy required by the IEEE specification, the sense
resistors should have ±1% tolerance or better, and no more than
±200ppm/°C temperature coefficient.
Port Output Cap
Each port requires a 0.1μF cap across OUTn to AGND (see Figure
52) to keep the LTC9102 stable while in current limit during startup
or overload. Common ceramic capacitors often have significant
voltage coefficients; this means the capacitance is reduced as the
applied voltage increases. To minimize this problem, X7R ceramic
capacitors rated for at least 100V are recommended and must be
located close to the LTC9102.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com