Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC4292
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 23Page - Analog Devices LTC4292 Datasheet HTML 24Page - Analog Devices LTC4292 Datasheet HTML 25Page - Analog Devices LTC4292 Datasheet HTML 26Page - Analog Devices LTC4292 Datasheet HTML 27Page - Analog Devices LTC4292 Datasheet HTML 28Page - Analog Devices LTC4292 Datasheet HTML 29Page - Analog Devices LTC4292 Datasheet HTML 30Page - Analog Devices LTC4292 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 27 of 39
The TLIM register is used to adjust the tLIM setting for each channel
and is a minimum time. Two bits are assigned to each channel, as
shown in Table 16. These bits are automatically set during startup
in Auto mode. tLIM can be adjusted while a channel is active.
Table 16. TLIM Settings
FIELD
TLIM (min)
00b (Default)
50ms
01b
15ms
10b
10ms
11b
6ms
When a channel ILIM event occurs, power is removed from the
channel and the port's ILIM fault is set.
MOSFET Fault Detection
LTC9101-2B/LTC9102 PSE ports are designed to tolerate signifi-
cant levels of abuse, but in extreme cases it is possible for an
external MOSFET to be damaged. A failed MOSFET may short
source to drain, which will make the port appear to be on when
it should be off; this condition may also cause the sense resistor
to fuse open, turning off the port but causing SENSE to rise to
an abnormally high voltage. A failed MOSFET may also short from
gate to drain, causing GATE to rise to an abnormally high voltage.
OUT, SENSE and GATE are designed to tolerate up to 80V faults
without damage.
If the LTC9101-2B/LTC9102 detects any of these conditions for
more than 3.8ms (typical), it disables all port functionality, reduces
the gate drive pull-down current for the port and reports a MOSFET
Fault detection status. This is typically a permanent fault, but the
host can attempt to recover by resetting the port, setting the port to
shutdown mode, or by resetting the entire chip if a port reset fails
to clear the fault. If the MOSFET is in fact bad, the fault will quickly
return, and the port will disable itself again. The remaining ports of
the LTC9101-2B/LTC9102 are unaffected.
An open or missing MOSFET will not trigger a MOSFET Fault
detection status, but will cause a start fault if the LTC9101-2B/
LTC9102 attempts to turn on the port.
Disconnect
The LTC9101-2B/LTC9102 monitors powered channels to ensure
PDs draw their minimum specified current. The IHOLD-2P threshold
(7mA, typical), monitored as the VHOLD-2P threshold across the 0.1Ω
sense resistor, is used to determine if a PD has been disconnected.
Each port maintains a separate disconnect timer (tDIS). The discon-
nect timer counts up when channel current is below the IHOLD-2P
threshold, indicating that the PD is disconnected. When tDIS ex-
pires, power is removed from the channel and the corresponding
port disconnect fault is set. If the current increases above IHOLD-2P
before tDIS expires, the timer resets. As long as the PD exceeds the
minimum current level before tDIS expires, it will remain powered.
Although not recommended, the DC disconnect feature can be
disabled by clearing the corresponding DC Disconnect Enable
bits. Disabling the DC disconnect feature forces the LTC9101-2B/
LTC9102 out of compliance with IEEE standards. A powered port
remains powered after the PD is removed; the still-powered port
may be subsequently connected to a non-PoE data device, poten-
tially causing damage.
The LTC9101-2B/LTC9102 does not include AC disconnect circui-
try. AC disconnect is not a supported feature of 802.3bt.
Fast Surge Recovery
High reliability systems demand excellent surge recovery. It is
increasingly important for a PSE to minimize power disruption to
the PDs during extreme power transients. Furthermore, PDs that do
not meet minimum bulk capacitance requirements are particularly
vulnerable to power brownouts with traditional PSE solutions. The
LTC9101-2B/LTC9102 provides an improved hot swap responsive-
ness with excellent recovery from surge events.
During a surge event, the LTC9102 GATE pin quickly turns off the
external MOSFET current flow to protect the PSE, the MOSFET,
and downstream circuitry. As the surge dissipates, the LTC9102
quickly turns the MOSFET back on in a safe, current limited manner
while minimizing power disruption to the PD. The LTC9102 fast
MOSFET turn off and power recovery better support both IEEE
compliant PDs and PDs with lower bulk capacitance in high reliabili-
ty applications.
Autoclass
IEEE 802.3bt introduces a new optional feature, Autoclass. Auto-
class enables the PSE to reclaim power budget from single-signa-
ture PDs requesting more power than needed under worst-case
operating conditions. 802.3bt does not specify Autoclass for dual-
signature PDs. The LTC9101-2B/LTC9102 fully supports Autoclass.
Prior versions of the 802.3 PoE standard specify minimum PSE
output power for worst-case IR drop across the Ethernet cable
and minimum PSE output voltage. However, a method for the PSE
to reclaim over-allocated power is not specified. When a shorter
Ethernet cable is used, or when the guaranteed PSE output voltage
is above the specified minimum, the specified minimum PSE output
power substantially over-allocates power to the PD.
An example PoE system is shown in two versions. Figure 44 shows
a 100W four port PSE servicing three 25.5W PDs over 100meter
cables. Such a system requires the PSE to allocate 25.5W per PD
and a further 4.5W for each 100m cable’s IR drop.
The total power allocation is:
3 Ports × (4.5W + 25.5W) = 90W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com