Electronic Components Datasheet Search
  English  ▼

X  

LTC4292 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC4292
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4292 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC4292 Datasheet HTML 19Page - Analog Devices LTC4292 Datasheet HTML 20Page - Analog Devices LTC4292 Datasheet HTML 21Page - Analog Devices LTC4292 Datasheet HTML 22Page - Analog Devices LTC4292 Datasheet HTML 23Page - Analog Devices LTC4292 Datasheet HTML 24Page - Analog Devices LTC4292 Datasheet HTML 25Page - Analog Devices LTC4292 Datasheet HTML 26Page - Analog Devices LTC4292 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 23 of 39
cation requires that a valid PD has a common-mode resistance of
25k ±5% at any channel voltage below 10V. The PSE must accept
resistances that fall between 19k and 26.5k, and it must reject
resistances above 33k or below 15k (shaded regions in Figure
37). The PSE may choose to accept or reject resistances in the
undefined areas between the must-accept and must-reject ranges.
In particular, the PSE must reject standard computer Network
Interface Cards (NICs), many of which have 150Ω common-mode
termination resistors that will be damaged if power is applied to
them (the black region at the left of Figure 37).
Figure 37. IEEE 802.3 Signature Resistance Ranges
Multipoint Detection
The LTC9101-2B/LTC9102 uses a multipoint method to detect PDs.
False-positive detections are minimized by checking for signature
resistance with both forced current and forced voltage measure-
ments.
Initially, two test currents are forced onto the channel (via the
OUTn pin) and the resulting voltages are measured. The detection
circuitry subtracts the two V-I points to determine the resistive slope
while removing offset caused by series diodes or leakage at the
port (see Figure 38). If the forced current detection yields a valid
signature resistance, two test voltages are then forced onto the
channel and the resulting currents are measured and subtracted.
Both methods must report valid resistances to report a valid detec-
tion. PD signature resistances between 17k and 29k (typically) are
detected as valid and reported as Detect Valid in the corresponding
Detection Status register. Values outside this range, including open
and short circuits, are also reported. If the channel measures less
than 1V during any forced current test, the detection cycle will abort
and Short Circuit will be reported. Table 11 shows the possible
detection results.
Figure 38. PD Detection
Table 11. Detection Status
MEASURED PD SIGNATURE
(TYPICAL)
DETECTION RESULT
Incomplete or Not Yet Tested
Detect Status Unknown
VPD < 1V
Short Circuit
CPD > 2.7μF or VPD > 10V
CPD Too High
RPD < 17k
RSIG Too Low
17k < RPD < 29k
Detect Valid
RPD > 29k
RSIG Too High
RPD > 50k
Open Circuit
PSE Detected
PSE Detected or Port is Precharged
MOSFET Fault
MOSFET Fault Detected
More on Operating Modes
The port’s operating mode determines when the LTC9101-2B/
LTC9102 runs a detection cycle. In manual mode, the port will
idle until the host orders a detect cycle. It will then run detection,
report the result, and return to idle to wait for another command.
In semi-auto mode the LTC9101-2B/LTC9102 autonomously polls
a port for PDs, but it will not apply power until commanded to do
so by the host. The Detection/Classification Status registers are
updated at the end of each detection/classification cycle.
In semi-auto mode, if a valid signature resistance is detected and
classification is enabled, the port will classify the PD and report that
result as well. The port will then wait for at least 100ms, and will
repeat the detection cycle to refresh the data in the Detection/Clas-
sification Status registers. The port will not turn on in response to a
power-on command unless the current detect result is Detect Valid.
Any other detect result will generate a tSTART fault if a power-on
command is received.
Behavior in auto mode is similar to semi-auto; however, after
Detect Valid is reported and the port is classified, it is automatically
powered on without host intervention. In auto mode, 2P Police and
DC Disconnect are automatically set; see the Reset and PWRMD
section for more information.
Detection is disabled for a port when the port is in shutdown mode,
or when the corresponding Detect Enable bit is cleared.
Detection of Legacy PDs
Proprietary PDs that predate the original IEEE 802.3af standard are
commonly referred to today as legacy PDs. One type of legacy PD
uses a large common-mode capacitance (>10μF) as the detection
signature.
Legacy PDs may be inferred by detection results. Legacy PDs are
not automatically powered in Auto mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com