Electronic Components Datasheet Search
  English  ▼

X  

TPS65167 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS65167
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS65167 Datasheet HTML 12Page - Texas Instruments TPS65167 Datasheet HTML 13Page - Texas Instruments TPS65167 Datasheet HTML 14Page - Texas Instruments TPS65167 Datasheet HTML 15Page - Texas Instruments TPS65167 Datasheet HTML 16Page - Texas Instruments TPS65167 Datasheet HTML 17Page - Texas Instruments TPS65167 Datasheet HTML 18Page - Texas Instruments TPS65167 Datasheet HTML 19Page - Texas Instruments TPS65167 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
www.ti.com
Setting the Delay Times GDLY, EN delay
dly
5 A x td
5 A x td
C
=
=
Vref
1.23 V
m
m
(1)
dly
dly
5 A x 2.3 ms
C
=
= 9.3 nF
C
= 10 nF
1.23 V
m
Þ
(2)
Boost Converter
TPS65167
TPS65167A
SLVS760B – APRIL 2007 – REVISED OCTOBER 2007
Connecting an external capacitor to the GDLY and EN pin sets the delay time. To set the delay time, the external
capacitor is charged with a constant current source of typically 5
µA. The delay time is terminated when the
capacitor voltage has reached the threshold voltage of Vth = 1.230 V. The external delay capacitor is calculated:
with td = Desired delay time
Example for setting a delay time of 2.3 mS
The main boost converter operates in Pulse Width Modulation (PWM) and at a fixed switching frequency of 750
kHz The converter uses a unique fast response, voltage mode controller scheme with input voltage feedforward.
This achieves excellent line and load regulation (0.2% A load regulation typical) and allows the use of small
external components. To add higher flexibility to the selection of external component values the device uses
external loop compensation. Although the boost converter looks like a non-synchronous boost converter topology
operating in discontinuous conduction mode at light load, the device will maintain continuous conduction even at
light load currents. This is achieved with a novel architecture using an external Schottky diode with an integrated
MOSFET in parallel connected between SW and SUP. See the Functional Block Diagram. The intention of this
MOSFET is to allow the current to go below ground that occurs at light load conditions. For this purpose, a small
integrated P-Channel MOSFET with typically 10
Ω RDS(on) is sufficient. When the inductor current is positive, the
external Schottky diode with the lower forward voltage will carry the current. This causes the converter to operate
with a fixed frequency in continuous conduction mode over the entire load current range. This avoids the ringing
on the switch pin as seen with standard non-synchronous boost converter, and allows a simpler compensation
for the boost converter.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS65167 TPS65167A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com