Electronic Components Datasheet Search
  English  ▼

X  

TPS65167 Datasheet(PDF) 28 Page - Texas Instruments

Part # TPS65167
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS65167 Datasheet HTML 24Page - Texas Instruments TPS65167 Datasheet HTML 25Page - Texas Instruments TPS65167 Datasheet HTML 26Page - Texas Instruments TPS65167 Datasheet HTML 27Page - Texas Instruments TPS65167 Datasheet HTML 28Page - Texas Instruments TPS65167 Datasheet HTML 29Page - Texas Instruments TPS65167 Datasheet HTML 30Page - Texas Instruments TPS65167 Datasheet HTML 31Page - Texas Instruments TPS65167 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
www.ti.com
PCB Layout Design Guidelines
VINB
D1
SL22
L1
10mH
Vin
6 Vto 14V
C8
47pF
R2
30kW
R1
365kW
FB
Vs
15 V/1.5 A
C4
10mF
C7
10mF
C6
10mF
SUPN
AVIN
PGND
REGOUT
COMP
HVS
GDLY
FBB
SWB
POUT
FBP
VGH
DRN
Vlogic
BOOT
R4
300kW
R5
16kW
VGH
24 V/50 mA
FBN
DRVN
D3
D4
R7
160kW
R8
39kW
C16
2.2mF
CTRL
VGL
-5 V/150mA
Vlogic
3.3V/2.5A
L2
10mH
12
1
38
9
30
25
27
24
13
11
10
14
37
6
32
33
39
36
35
31
28
20
29
21
22
23
7
2
4
RHVS
SWB
FBLDO
Vaux
1.5V/500mA
40
34
5
8
3
EN
26
C1P
C1N
C2P
C2N
15
16
17
18
19
C1
22mF
C2
1mF
C3
10mF
C11
1mF
C9
0.33mF
C12
22nF
C13
10nF
C14
100nF
C15
0.33mF
C18
22mF
C20
0.33mF
C21
220nF
C22
1mF
C23
22mF
D2
SL22
C10
1mF
Q2
PZT2907A
R3
82kW
R6
0 W
R11
1.6kW
R12
6.8kW
R13
1kW
C5
1mF
C24
10mF
Q1
SI2343
C19
22mF
R14
1kW
C2
1nF
Temperature
Output
CTRL
Signal
C24
1nF
C25
100pF
TPS65167
R16
100kW
C25
10mF
C26
10mF
C27
10mF
C28
470nF
TPS65167
TPS65167A
SLVS760B – APRIL 2007 – REVISED OCTOBER 2007
Table 13. Transistor Selection
CAPACITOR
Iout
COMPONENT SUPPLIER
COMMENT
3.3 V to
≤2.5 V conversion at 150 mA
PZT2907A
500 mA
Any
3.3 V to
≤1.6 V conversion at 500 mA
BCP52
1A
Any
3.3 V to
≤2.5 V conversion
BCP69
1A
Any
3.3 V to
≤2.5 V conversion
Figure 29. PCB Layout
1. Place the power components outlined in bold first on the PCB.
2. Route the traces outlined in bold with wide PCB traces.
3. Place a 1-
µF bypass capacitor directly from the SUP pin to GND and from AVIN to GND.
4. Use a short and wide trace to connect the SUP pin to the output of the boost converter Vs.
5. Place a 470-nF bypass capacitor directly from the SUPN pin to GND.
6. Place the 220-nF reference capacitor directly from REF to GND close to the IC pins.
7. The feedback resistor for the negative charge pump between FBN and REF needs to be >40 k
Ω.
8. Use short traces for the charge pump drive pin (DRVN) of VGL because the traces carry switching
waveforms.
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS65167 TPS65167A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com