Electronic Components Datasheet Search
  English  ▼

X  

TPS65167 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65167
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65167 Datasheet HTML 1Page - Texas Instruments TPS65167 Datasheet HTML 2Page - Texas Instruments TPS65167 Datasheet HTML 3Page - Texas Instruments TPS65167 Datasheet HTML 4Page - Texas Instruments TPS65167 Datasheet HTML 5Page - Texas Instruments TPS65167 Datasheet HTML 6Page - Texas Instruments TPS65167 Datasheet HTML 7Page - Texas Instruments TPS65167 Datasheet HTML 8Page - Texas Instruments TPS65167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS65167
TPS65167A
SLVS760B – APRIL 2007 – REVISED OCTOBER 2007
AVIN=VINB=SUPN=12V, EN=REGOUT, Vs = 15V, Vlogic = 3.3V , Vaux = 1.8V, TA = –40°C to 85°C, typical values are at
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
6
14
V
Quiescent current into AVIN
Not switching, FB = FB + 5%
1.5
mA
IQ
Quiescent current into VINB
Not switching, FBB = FBB + 5%
0.15
mA
Quiescent current into SUP
Not switching, FB = FBB = FBN = FBP = + 5%
275
µA
Undervoltage lockout threshold
VI falling
4.7
5.2
5.7
V
UVLO
Undervoltage lockout threshold
VI rising
4.9
5.45
5.9
V
Thermal shutdown
155
°C
Thermal shutdown hysteresis
5
°C
REFERENCE VOLTAGE REF
Vref
Reference voltage
VI = 6 V to 14 V, Iref = 10 µA
1.205
1.213
1.219
V
LOGIC SIGNALS CTRL, HVS
VIH
High level input voltage
6 V
≤ VIN ≤ 14 V
1.4
V
VIL
Low level input voltage
6 V
≤ VIN ≤ 14 V
0.4
V
Ilkg
Input leakage current
EN = CTRL = HVS = GND or 6 V
0.01
0.1
µA
SEQUENCING GDLY/EN
EN/GDLY Charge current
V(threshold) = 1.213 V
3.6
4.8
6.2
µA
EN/GDLY threshold
1.23
V
EN/GDLY pulldown resistor
4.5
k
Ω
SWITCHING FREQUENCY
fs
Switching frequency
600
750
900
kHz
REGULATOR REGOUT
VO
Regulator output voltage
Ireg = 1 mA
4.6
4.8
5
V
BOOST CONVERTER (Vs)
VO
Output voltage range
19
V
VFB
Feedback regulation voltage
1.136
1.146
1.154
V
IFB
Feedback input bias current
10
100
nA
N-MOSFET on-resistance (Q1)
I(SW) = 500 mA
160
270
m
Ω
RDS(on)
P-MOSFET on-resistance (Q2)
I(SW) = 200 mA
14
20
Ω
IMAX
Maximum P-MOSFET peak switch current
1
A
ILIM
N-MOSFET switch current limit (Q1)
3.5
4.2
4.9
A
Ilkg
Switch leakage current
V(SW) = 15 V
1
10
µA
Line Regulation
6 V
≤ Vin ≤ 14 V, IO = 2 mA
0.006
%/V
Load Regulation
2 mA
≤ Iout ≤ 1.8 A
0.06
%/A
BOOST CONVERTER (Vs) OVERVOLTAGE PROTECTION
Switch overvoltage protection
Vs rising
19.5
20.2
21
V
Switch overvoltage protection hysteresis
0.6
V
GATE DRIVE (GD) AND BOOST CONVERTER PROTECTION
I(GD)
Gate drive sink current
EN = high
9
µA
R(GD)
Gate drive internal pull up resistance
5
k
Ω
ton
Gate on time during short-circuit
Vs < 4.8 V
1
ms
toff
Gate off time during short-circuit
Vs < 4.8 V
60
ms
TEMPERATURE SENSOR (TEMP)
VO
Output voltage range
1.2
2.5
V
Drive current
200
µA
TA = 85°C, I = 200 µA, device not switching,
VO
Output voltage at TA = 85°C
2.037
V
FB = FBnominal + 5%
Temperature accuracy
–6
6
°C
Temperature coefficient
5.7
mV/
°C
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65167 TPS65167A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com