Electronic Components Datasheet Search
  English  ▼

X  

TPS65167 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS65167
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS65167 Datasheet HTML 14Page - Texas Instruments TPS65167 Datasheet HTML 15Page - Texas Instruments TPS65167 Datasheet HTML 16Page - Texas Instruments TPS65167 Datasheet HTML 17Page - Texas Instruments TPS65167 Datasheet HTML 18Page - Texas Instruments TPS65167 Datasheet HTML 19Page - Texas Instruments TPS65167 Datasheet HTML 20Page - Texas Instruments TPS65167 Datasheet HTML 21Page - Texas Instruments TPS65167 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
www.ti.com
Overvoltage Protection
Input Capacitor Selection VINB, SUP, SUPN, AVIN, Inductor Input Terminal
Boost Converter Design Procedure
1. Converter Duty Cycle:
D + 1 *
Vin
h
Vout
2. Maximum output current:
Iout + Isw *
Vin
D
2
ƒs
L
(1 * D)
3. Peak switch current:
I
swpeak +
Vin
D
2
ƒs
L
)
Iout
1 * D
TPS65167
TPS65167A
SLVS760B – APRIL 2007 – REVISED OCTOBER 2007
With:
VsHVS = Boost converter output voltage with HVS = high
VFB = 1.146 V
The main boost converter has an overvoltage protection of the main switch M1 if the feedback pin (FB) is floating
or shorted to GND causing the output voltage to rise. In such an event, the output voltage is monitored with the
overvoltage protection comparator on the SUP pin. As soon as the comparator trips at typically at 20 V then the
boost converter stops switching. The output voltage will fall below the overvoltage threshold and the converter
continues to operate. See Figure 4.
Note: During high voltage stress test the overvoltage protection is disabled.
For good input voltage filtering, low ESR ceramic capacitors are recommended. The TPS65167 has an analog
input AVIN as well as a power supply input SUP powering all the internal rails. A 1-
µF bypass capacitor is
required as close as possible from AVIN to GND as well as from SUP to GND. The SUPN pin needs to be
bypassed with a 470-nF capacitor. Depending on the overall load current two or three 22-
µF input capacitors are
required. For better input voltage filtering, the input capacitor values can be increased. To reduce the power
losses across the external isolation switch a filter capacitance at the input terminal of the inductor is required. To
minimize possible audible noise problems, two 10-
µF capacitors in parallel are recommended. More capacitance
will further reduce the ripple current across the isolation switch. See Table 2 and the typical applications for input
capacitor recommendations.
Table 2. Input Capacitor Selection
CAPACITOR
COMPONENT SUPPLIER
COMMENTS
22
µF/16 V
Taiyo Yuden EMK316BJ226ML
Pin VINB
2
×10 µF/25 V
Taiyo Yuden TMK316BJ106KL
Pin VINB (alternative)
2
×10 µF/25 V
Taiyo Yuden TMK316BJ106KL
Inductor input terminal
1
µF/35 V
Taiyo Yuden GMK107BJ105KA
Pin SUP
1
µF/25 V
Taiyo Yuden TMK107BJ105KA
Pin AVIN
470 nF/25 V
Taiyo Yuden TMK107BJ474MA
Pin SUPN
x
The first step in the design procedure is to verify whether the maximum possible output current of the boost
converter supports the specific application requirements. To simplify the calculation, the fastest approach is to
estimate the converter efficiency by taking the efficiency numbers from the provided efficiency curves or to use a
worst case assumption for the expected efficiency, e.g., 80%. With the efficiency number it is possible to
calculate the steady state values of the application.
With Isw = converter switch current (minimum switch current limit = 3.5 A)
fs = converter switching frequency (typical 750 kHz)
L = Selected inductor value
η = Estimated converter efficiency (use the number from the efficiency curves or 0.8 as an estimation)
18
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS65167 TPS65167A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com