Electronic Components Datasheet Search
  English  ▼

X  

TPS65167 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS65167
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65167 Datasheet HTML 17Page - Texas Instruments TPS65167 Datasheet HTML 18Page - Texas Instruments TPS65167 Datasheet HTML 19Page - Texas Instruments TPS65167 Datasheet HTML 20Page - Texas Instruments TPS65167 Datasheet HTML 21Page - Texas Instruments TPS65167 Datasheet HTML 22Page - Texas Instruments TPS65167 Datasheet HTML 23Page - Texas Instruments TPS65167 Datasheet HTML 24Page - Texas Instruments TPS65167 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
www.ti.com
VINB
VINB
Regulator
8 V
Sawtooth
Generator
Compensation
and
Softstart
Vref
Logic
Clock
750 kHz
Clock /2
Clock /4
0.9V
0.6V
Clockselectforshortcircuit
andsoftstart
ControlLogic
Vref
Currentlimit
SWB
BOOT
FBB
Error Amplifier
Q 3
SWB
Clock
Fixed 3.3V
select
Fixed 3.3V/adj
Vlogic
Vref
Soft-start (Step-Down Converter)
Setting the Output Voltage, Adjustable or Fixed 3.3V (step-down converter)
Vout + 1.213 V
1 )
R9
R10
(7)
TPS65167
TPS65167A
SLVS760B – APRIL 2007 – REVISED OCTOBER 2007
Figure 23. Block Diagram Buck Converter
To avoid high inrush current during start-up, an internal soft-start is implemented. When the step-down converter
is enabled, its reference voltage slowly rises from zero to its power good threshold of typically 90% of Vref. When
the reference voltage reaches this power good threshold, the error amplifier is released to its normal operation
with its normal duty cycle. To further limit the inrush current during soft-start, the converter frequency is set to
1/4th of the switching frequency fs and of fs determined by the comparator that monitors the feedback voltage.
See the internal block diagram. The softstart is typically completed within 1 ms.
The device supports a fixed 3.3-V output voltage when the feedback FBB is connected to GND. When using the
external voltage divider any other output voltage can be programmed.
To set the adjustable output voltage of the step-down converter, use an external voltage divider to set the output
voltage. The output voltage is calculated as:
with R10
≈ 1.2 kΩ and internal reference voltage V(ref)typ = 1.213 V
At load currents < 1 mA, the device operates in discontinuous conduction mode. When the load current is
reduced to zero, the output voltage rises slightly above the nominal output voltage. At zero load current, the
device skips clock cycles but does not completely stops switching thus the output voltage sits slightly above the
nominal output voltage. Therefore, the lower feedback resistor is selected to be around 1.2 k
Ω to have always
around 1 mA minimum load current.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS65167 TPS65167A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com