Electronic Components Datasheet Search
  English  ▼

X  

TPS65167 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS65167
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65167 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65167 Datasheet HTML 13Page - Texas Instruments TPS65167 Datasheet HTML 14Page - Texas Instruments TPS65167 Datasheet HTML 15Page - Texas Instruments TPS65167 Datasheet HTML 16Page - Texas Instruments TPS65167 Datasheet HTML 17Page - Texas Instruments TPS65167 Datasheet HTML 18Page - Texas Instruments TPS65167 Datasheet HTML 19Page - Texas Instruments TPS65167 Datasheet HTML 20Page - Texas Instruments TPS65167 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
www.ti.com
750kHz
Oszillator
VFB
1.154V
Comparator
GM Amplifier
Sawtooth
Generator
VFB
1.154
AVIN
RHVS
SW
SW
PGND
PGND
M1
GM Amplifier
LowGain
Currentlimit
and
SoftStart
M2
SUP
Vref
Vref
Overvoltage
Comparator
OVP
ControlLogic
SUP
Softstart
70 W
EN
GD
HVS
5 kW
IDLY
IDLY
SS
COMP
FB
Softstart (Boost Converter)
High Voltage Stress Test (Boost converter and positive charge pump)
HVS
FB
R1 + R2//R3
R1 + R2//R3
Vs
= V
= 1.146V
R2//R3
R2//R3
HSV
FB
R1 x R2
R3 =
Vs
1
x R2 - R1
V
æ
ö
-
ç
÷
è
ø
(3)
TPS65167
TPS65167A
SLVS760B – APRIL 2007 – REVISED OCTOBER 2007
Figure 22. Block Diagram Boost Converter
The main boost converter has an internal softstart to prevent high inrush current during start-up. The device
incorporates a digital softstart increasing the current limit in digital current limit steps. See Figure 2 for the typical
softstart timing.
The TPS65167 and TPS65167A incorporates a high voltage stress test where the output voltage of the boost
converter Vs and the positive charge pump POUT is set to a higher voltage compared to the nominal
programmed output voltage. The High Voltage Stress test is enabled by pulling the HVS pin to high. With HVS =
high, the voltage on POUT, respectively VGH, remains unchanged with the TPS65167A and the TPS65167
regulates to a fixed output voltage of 30 V. The boost converter Vs is programmed to a higher voltage
determined by the resistor connected to RHVS. With HVS = high the RHVS pin is pulled to GND which sets the
voltage for the boost converter during the High Voltage Stress Test. The output voltage for the boost converter
during high voltage stress test is calculated as:
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS65167 TPS65167A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com