Electronic Components Datasheet Search
  English  ▼

X  

P2000SCL Datasheet(PDF) 23 Page - Littelfuse

Part # P2000SCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCL Datasheet(HTML) 23 Page - Littelfuse

Back Button P2000SCL Datasheet HTML 19Page - Littelfuse P2000SCL Datasheet HTML 20Page - Littelfuse P2000SCL Datasheet HTML 21Page - Littelfuse P2000SCL Datasheet HTML 22Page - Littelfuse P2000SCL Datasheet HTML 23Page - Littelfuse P2000SCL Datasheet HTML 24Page - Littelfuse P2000SCL Datasheet HTML 25Page - Littelfuse P2000SCL Datasheet HTML 26Page - Littelfuse P2000SCL Datasheet HTML 27Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
(OHFWURQLF)XVHV³3DFNDJH 'LPHQVLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 23
www.littelfuse.com
NANO2® 250V UMF Fuse—464 / 465Series
The following illustration shows the dimensions of the NANO2 250 V Fuse—464 / 465
series. The body is high-performance ceramic, and the terminations are silver-plated brass.
481 Series Alarm Indicating Fuse
The following illustration shows the dimensions of the 481 series alarm indicating fuse. The
body is polyphenylene sulfide (UL94V0), and the terminations are beryllium copper / tin
plated. Optional lens are nylon.
Reflow Solder
F
0.11
(2.8)
0.475
(12.1)
0.177
(4.5)
0.264
(6.7)
0.264
(6.8)
Wave Solder
0.14
(3.5)
AC250V
F500mAL
0.27
(6.9)
0.22
(5.6)
0.22
(5.6)
0.177
(4.5) Height
End Cap
Top View
Dimensions are in inches
(and millimeters).
0.90
(22.9) MIN
0.23
(5.8)
0.21
(5.3)
0.665
(16.9) MAX
0.46
(11.7)
0.70 (17.8)
0.77
(19.6)
0.84
(21.3)
REF
LENS
0.109
(2.77)
0.110
(2.79)
0.175
(4.45)
1–15 Amp
20 Amp *
* 20 A fuseholder must be used and is designed to accept all ratings up to 20 amps.
Fuse is keyed to prevent insertion in lower rated holders
Dimensions are in inches
(and millimeters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com