Electronic Components Datasheet Search
  English  ▼

X  

P2000SCL Datasheet(PDF) 48 Page - Littelfuse

Part # P2000SCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCL Datasheet(HTML) 48 Page - Littelfuse

Back Button P2000SCL Datasheet HTML 44Page - Littelfuse P2000SCL Datasheet HTML 45Page - Littelfuse P2000SCL Datasheet HTML 46Page - Littelfuse P2000SCL Datasheet HTML 47Page - Littelfuse P2000SCL Datasheet HTML 48Page - Littelfuse P2000SCL Datasheet HTML 49Page - Littelfuse P2000SCL Datasheet HTML 50Page - Littelfuse P2000SCL Datasheet HTML 51Page - Littelfuse P2000SCL Datasheet HTML 52Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
www.littelfuse.com
9 - 48
© 2006 Littelfuse, Inc. • Telecom Design Guide
3DFNLQJ2SWLRQV
The following illustration shows the dimensions of the TeleLink 16 mm carrier tape.
Embossment
(contains fuse)
1.75 ±0.1
(0.069) ±0.004
Dimensions are in inches
(and millimeters).
Direction of Feed
16.0 +0.3/-0.1
(0.630) +0.0
12/-0.004
3.3 ±0.
1
(0.
130) ±0.004
0.75
(0.030) MIN
8.0 ±0.
1
(0.3
15) ±0.004
10°
MAX
10°
MAX
Ø
1.5 ±0.1
(0.059) ±0.004
2.0 ±0.1
(0.079) ±0.004
4.0 ±0.
1
(0.
157) ±0.004
R 0.3
(0.0
12) MIN
R 0.3
(0.0
12)
MAX
R 0.3
(0.0
12)
MAX
3.6
(0.
142)
MAX
Ø
1.5 ±0.1
(0.059) ±0.004
3° MAX
0.3
(0.0
12) MAX
3.3 ±0.
1
(0.
130) ±0.004
14.25
(0.56
1) MIN
10.6 ±0.1
(0.4
17) ±0.004
7.5 ±0.
1
(0.
295) ±0.004
16 mm Carrier Tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com