Electronic Components Datasheet Search
  English  ▼

X  

P2000SCL Datasheet(PDF) 40 Page - Littelfuse

Part # P2000SCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCL Datasheet(HTML) 40 Page - Littelfuse

Back Button P2000SCL Datasheet HTML 36Page - Littelfuse P2000SCL Datasheet HTML 37Page - Littelfuse P2000SCL Datasheet HTML 38Page - Littelfuse P2000SCL Datasheet HTML 39Page - Littelfuse P2000SCL Datasheet HTML 40Page - Littelfuse P2000SCL Datasheet HTML 41Page - Littelfuse P2000SCL Datasheet HTML 42Page - Littelfuse P2000SCL Datasheet HTML 43Page - Littelfuse P2000SCL Datasheet HTML 44Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
www.littelfuse.com
9 - 40
© 2006 Littelfuse, Inc. • Telecom Design Guide
3DFNLQJ2SWLRQV
TO-92
Tape and reel packing options meet all specifications as set forth in EIA-468-B. Standard
reel pack quantity is 2000.
Notes:
• Part number suffix RP2 denotes 0.200” (5 mm) lead spacing and is Littelfuse’s default value.
• Part number suffix RP1 denotes 0.100” (2.54 mm) lead spacing and is available upon request.
The following figure shows the TO-92 Ammo Pack option:
Flat Down
1.62
(41.2)
0.708
(18.0)
0.354
(9.0)
0.236
(6.0)
0.02
(0.5)
0.50
(12.7)
14.17
(360.0)
0.20
(5.08)
0.125 (3.2) MAX
1.27
(32.2)
1.97
(50.0)
0.50
(12.7)
0.25
(6.35)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.157 DIA
(4.0)
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Feed
Dimensions
are in inches
(and millimeters).
1.85
(47.0)
13.3
(338.0)
12.2
(3
10.0)
1.85
(47.0)
0.
157
DIA
(4.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com