Electronic Components Datasheet Search
  English  ▼

X  

P2000SCL Datasheet(PDF) 28 Page - Littelfuse

Part # P2000SCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCL Datasheet(HTML) 28 Page - Littelfuse

Back Button P2000SCL Datasheet HTML 24Page - Littelfuse P2000SCL Datasheet HTML 25Page - Littelfuse P2000SCL Datasheet HTML 26Page - Littelfuse P2000SCL Datasheet HTML 27Page - Littelfuse P2000SCL Datasheet HTML 28Page - Littelfuse P2000SCL Datasheet HTML 29Page - Littelfuse P2000SCL Datasheet HTML 30Page - Littelfuse P2000SCL Datasheet HTML 31Page - Littelfuse P2000SCL Datasheet HTML 32Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
www.littelfuse.com
9 - 28
© 2006 Littelfuse, Inc. • Telecom Design Guide
'&3RZHU)XVHV³3DFNDJH 'LPHQVLRQV
LTFD Series
The following illustration shows the dimensions of the LTFD 6001 series (0 A – 800 A)
telecommunications power fuse. Stud size is as follows:
•
0.75 – 16x3.5 inches
•
0.875 – 14x3.5 inches
Dimensions are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com