Electronic Components Datasheet Search
  English  ▼

X  

P2000SCL Datasheet(PDF) 34 Page - Littelfuse

Part # P2000SCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCL Datasheet(HTML) 34 Page - Littelfuse

Back Button P2000SCL Datasheet HTML 30Page - Littelfuse P2000SCL Datasheet HTML 31Page - Littelfuse P2000SCL Datasheet HTML 32Page - Littelfuse P2000SCL Datasheet HTML 33Page - Littelfuse P2000SCL Datasheet HTML 34Page - Littelfuse P2000SCL Datasheet HTML 35Page - Littelfuse P2000SCL Datasheet HTML 36Page - Littelfuse P2000SCL Datasheet HTML 37Page - Littelfuse P2000SCL Datasheet HTML 38Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
www.littelfuse.com
9 - 34
© 2006 Littelfuse, Inc. • Telecom Design Guide
6XPPDU\RI 3DFNLQJ2SWLRQV
TeleLink® Surface Mount Fuse
461 Series
Embossed Carrier Reel Pack
2500
RP
EIA-481-B
Bulk Pack
5000
BP
N/A
Tape and Reel Pack (16 mm)
2500
ERT16
229P / 230P Series
Bulk Pack
1000
M
EIA-296
Tape and Reel Pack
1500
DRT1
EIA-296
Tape and Reel Pack
2500
ERT1
EIA-296
451 / 453 Series
Tape and Reel Pack (12 mm)
1000
MR
EIA-RS481-1
Tape and Reel Pack (12 mm)
5000
NR
EIA-RS481-1
452 / 454 Series
Tape and Reel Pack (12 mm)
1000
MR
EIA-RS481-1
Tape and Reel Pack (12 mm)
5000
NR
EIA-RS481-1
154 Series
Tape and Reel Pack (16 mm)
1500
DR
EIA-481
464 Series
Tape and Reel Pack (24 mm)
1500
DR
EIA-RS481-1
465 Series
Tape and Reel Pack (24 mm)
1500
DR
EIA-RS481-1
481 Series
Bulk Pack
Five-pack
V
Bulk Pack
100-piece box
H
Package Type
Description
Packing
Quantity
Added
Suffix
Industry
Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com